Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48 Datasheet(PDF) 303 Page - ATMEL Corporation

Part # ATMEGA48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48 Datasheet(HTML) 303 Page - ATMEL Corporation

Back Button ATMEGA48 Datasheet HTML 299Page - ATMEL Corporation ATMEGA48 Datasheet HTML 300Page - ATMEL Corporation ATMEGA48 Datasheet HTML 301Page - ATMEL Corporation ATMEGA48 Datasheet HTML 302Page - ATMEL Corporation ATMEGA48 Datasheet HTML 303Page - ATMEL Corporation ATMEGA48 Datasheet HTML 304Page - ATMEL Corporation ATMEGA48 Datasheet HTML 305Page - ATMEL Corporation ATMEGA48 Datasheet HTML 306Page - ATMEL Corporation ATMEGA48 Datasheet HTML 307Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 374 page
background image
303
2545J–AVR–12/06
ATmega48/88/168
27. Electrical Characteristics
27.1
Absolute Maximum Ratings*
27.2
DC Characteristics ATmega48/88/168*
* Note: The following table contains preliminary data for the ATmega88 and ATmega168.
Operating Temperature.................................. -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on any Pin except RESET
with respect to Ground ................................-0.5V to VCC+0.5V
Voltage on RESET with respect to Ground......-0.5V to +13.0V
Maximum Operating Voltage ............................................ 6.0V
DC Current per I/O Pin ............................................... 40.0 mA
DC Current
V
CC and GND Pins ................................ 200.0 mA
T
A = -40°C to 85°C, VCC = 1.8V to 5.5V (unless otherwise noted)
Symbol
Parameter
Condition
Min.(5)
Typ.
Max.(5)
Units
VIL
Input Low Voltage, except
XTAL1 and RESET pin
V
CC = 1.8V - 2.4V
VCC = 2.4V - 5.5V
-0.5
-0.5
0.2V
CC
(1)
0.3VCC
(1)
V
VIH
Input High Voltage, except
XTAL1 and RESET pins
V
CC = 1.8V - 2.4V
V
CC = 2.4V - 5.5V
0.7V
CC
(2)
0.6V
CC
(2)
V
CC + 0.5
V
CC + 0.5
V
VIL1
Input Low Voltage,
XTAL1 pin
V
CC = 1.8V - 5.5V
-0.5
0.1V
CC
(1)
V
VIH1
Input High Voltage,
XTAL1 pin
V
CC = 1.8V - 2.4V
VCC = 2.4V - 5.5V
0.8V
CC
(2)
0.7VCC
(2)
V
CC + 0.5
VCC + 0.5
V
VIL2
Input Low Voltage,
RESET pin
VCC = 1.8V - 5.5V
-0.5
0.2VCC
(1)
V
VIH2
Input High Voltage,
RESET pin
V
CC = 1.8V - 5.5V
0.9V
CC
(2)
V
CC + 0.5
V
VIL3
Input Low Voltage,
RESET pin as I/O
V
CC = 1.8V - 2.4V
VCC = 2.4V - 5.5V
-0.5
-0.5
0.2V
CC
(1)
0.3VCC
(1)
V
VIH3
Input High Voltage,
RESET pin as I/O
V
CC = 1.8V - 2.4V
V
CC = 2.4V - 5.5V
0.7V
CC
(2)
0.6V
CC
(2)
V
CC + 0.5
V
CC + 0.5
V
VOL
Output Low Voltage(3),
RESET pin as I/O
IOL = 20mA, VCC = 5V
IOL = 6mA, VCC = 3V
0.7
0.5
V
VOH
Output High Voltage(4),
RESET pin as I/O
IOH = -20mA, VCC = 5V
IOH = -10mA, VCC = 3V
4.2
2.3
V
VOL3
Output Low Voltage(3),
RESET pin as I/O
TBD
TBD
V
VOH3
Output High Voltage(4),
RESET pin as I/O
TBD
TBD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com