Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA649 Datasheet(PDF) 102 Page - ATMEL Corporation

Part # ATMEGA649
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA649 Datasheet(HTML) 102 Page - ATMEL Corporation

Back Button ATMEGA649 Datasheet HTML 98Page - ATMEL Corporation ATMEGA649 Datasheet HTML 99Page - ATMEL Corporation ATMEGA649 Datasheet HTML 100Page - ATMEL Corporation ATMEGA649 Datasheet HTML 101Page - ATMEL Corporation ATMEGA649 Datasheet HTML 102Page - ATMEL Corporation ATMEGA649 Datasheet HTML 103Page - ATMEL Corporation ATMEGA649 Datasheet HTML 104Page - ATMEL Corporation ATMEGA649 Datasheet HTML 105Page - ATMEL Corporation ATMEGA649 Datasheet HTML 106Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 375 page
background image
102
ATmega329/3290/649/6490
2552H–AVR–11/06
OCR0A – Output Compare
Register A
The Output Compare Register A contains an 8-bit value that is continuously compared
with the counter value (TCNT0). A match can be used to generate an Output Compare
interrupt, or to generate a waveform output on the OC0A pin.
TIMSK0 – Timer/Counter 0
Interrupt Mask Register
• Bit 1 – OCIE0A: Timer/Counter0 Output Compare Match A Interrupt Enable
When the OCIE0A bit is written to one, and the I-bit in the Status Register is set (one),
the Timer/Counter0 Compare Match A interrupt is enabled. The corresponding interrupt
is executed if a compare match in Timer/Counter0 occurs, i.e., when the OCF0A bit is
set in the Timer/Counter 0 Interrupt Flag Register – TIFR0.
• Bit 0 – TOIE0: Timer/Counter0 Overflow Interrupt Enable
When the TOIE0 bit is written to one, and the I-bit in the Status Register is set (one), the
Timer/Counter0 Overflow interrupt is enabled. The corresponding interrupt is executed if
an overflow in Timer/Counter0 occurs, i.e., when the TOV0 bit is set in the
Timer/Counter 0 Interrupt Flag Register – TIFR0.
TIFR0 – Timer/Counter 0
Interrupt Flag Register
• Bit 1 – OCF0A: Output Compare Flag 0 A
The OCF0A bit is set (one) when a compare match occurs between the Timer/Counter0
and the data in OCR0A – Output Compare Register0. OCF0A is cleared by hardware
when executing the corresponding interrupt handling vector. Alternatively, OCF0A is
cleared by writing a logic one to the flag. When the I-bit in SREG, OCIE0A
(Timer/Counter0 Compare match Interrupt Enable), and OCF0A are set (one), the
Timer/Counter0 Compare match Interrupt is executed.
• Bit 0 – TOV0: Timer/Counter0 Overflow Flag
The bit TOV0 is set (one) when an overflow occurs in Timer/Counter0. TOV0 is cleared
by hardware when executing the corresponding interrupt handling vector. Alternatively,
TOV0 is cleared by writing a logic one to the flag. When the SREG I-bit, TOIE0
(Timer/Counter0 Overflow Interrupt Enable), and TOV0 are set (one), the
Timer/Counter0 Overflow interrupt is executed. In phase correct PWM mode, this bit is
set when Timer/Counter0 changes counting direction at 0x00.
Bit
7654
321
0
0x27 (0x47)
OCR0A[7:0]
OCR0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
000
0
Bit
7654
32
1
0
(0x6E)
–
–
–
–
–
–OCIE0A
TOIE0
TIMSK0
Read/Write
R
RRRR
R
R/W
R/W
Initial Value
0000
00
0
0
Bit
7654
321
0
0x15 (0x35)
–
–
–
–
–
–OCF0A
TOV0
TIFR0
Read/Write
R
RRRR
R
R/W
R/W
Initial Value
0000
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com