| Electronic Components Datasheet Search |
|
ATMEGA649 Datasheet(PDF) 106 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATMEGA649 Datasheet(HTML) 106 Page - ATMEL Corporation |
|
106 / 375 page ![]() 106 ATmega329/3290/649/6490 2552H–AVR–11/06 Figure 41. 16-bit Timer/Counter Block Diagram (1) Note: 1. Refer to Figure 1 on page 2, Table 29 on page 68, and Table 35 on page 72 for Timer/Counter1 pin placement and description. Registers The Timer/Counter (TCNT1), Output Compare Registers (OCR1A/B), and Input Capture Register (ICR1) are all 16-bit registers. Special procedures must be followed when accessing the 16-bit registers. These procedures are described in the section “Access- ing 16-bit Registers” on page 108. The Timer/Counter Control Registers (TCCR1A/B) are 8-bit registers and have no CPU access restrictions. Interrupt requests (abbreviated to Int.Req. in the figure) signals are all visible in the Timer Interrupt Flag Register (TIFR1). All interrupts are individually masked with the Timer Interrupt Mask Register (TIMSK1). TIFR1 and TIMSK1 are not shown in the figure. The Timer/Counter can be clocked internally, via the prescaler, or by an external clock source on the T1 pin. The Clock Select logic block controls which clock source and edge the Timer/Counter uses to increment (or decrement) its value. The Timer/Counter is inactive when no clock source is selected. The output from the Clock Select logic is referred to as the timer clock (clk T1). The double buffered Output Compare Registers (OCR1A/B) are compared with the Timer/Counter value at all time. The result of the compare can be used by the Waveform Generator to generate a PWM or variable frequency output on the Output Compare pin (OC1A/B). See “Output Compare Units” on page 114.. The compare match event will Clock Select Timer/Counter OCRnA OCRnB ICRn = = TCNTn Waveform Generation Waveform Generation OCnA OCnB Noise Canceler ICPn = Fixed TOP Values Edge Detector Control Logic = 0 TOP BOTTOM Count Clear Direction TOVn (Int.Req.) OCnA (Int.Req.) OCnB (Int.Req.) ICFn (Int.Req.) TCCRnA TCCRnB ( From Analog Comparator Ouput ) Tn Edge Detector ( From Prescaler ) clk Tn |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |