Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA649 Datasheet(PDF) 148 Page - ATMEL Corporation

Part # ATMEGA649
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA649 Datasheet(HTML) 148 Page - ATMEL Corporation

Back Button ATMEGA649 Datasheet HTML 144Page - ATMEL Corporation ATMEGA649 Datasheet HTML 145Page - ATMEL Corporation ATMEGA649 Datasheet HTML 146Page - ATMEL Corporation ATMEGA649 Datasheet HTML 147Page - ATMEL Corporation ATMEGA649 Datasheet HTML 148Page - ATMEL Corporation ATMEGA649 Datasheet HTML 149Page - ATMEL Corporation ATMEGA649 Datasheet HTML 150Page - ATMEL Corporation ATMEGA649 Datasheet HTML 151Page - ATMEL Corporation ATMEGA649 Datasheet HTML 152Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 375 page
background image
148
ATmega329/3290/649/6490
2552H–AVR–11/06
Asynchronous Operation of
Timer/Counter2
When Timer/Counter2 operates asynchronously, some considerations must be taken.
•
Warning: When switching between asynchronous and synchronous clocking of
Timer/Counter2, the Timer Registers TCNT2, OCR2A, and TCCR2A might be
corrupted. A safe procedure for switching clock source is:
1.
Disable the Timer/Counter2 interrupts by clearing OCIE2A and TOIE2.
2.
Select clock source by setting AS2 as appropriate.
3.
Write new values to TCNT2, OCR2A, and TCCR2A.
4.
To switch to asynchronous operation: Wait for TCN2UB, OCR2UB, and
TCR2UB.
5.
Clear the Timer/Counter2 Interrupt Flags.
6.
Enable interrupts, if needed.
•
The CPU main clock frequency must be more than four times the Oscillator
frequency.
•
When writing to one of the registers TCNT2, OCR2A, or TCCR2A, the value is
transferred to a temporary register, and latched after two positive edges on TOSC1.
The user should not write a new value before the contents of the temporary register
have been transferred to its destination. Each of the three mentioned registers have
their individual temporary register, which means that e.g. writing to TCNT2 does not
disturb an OCR2A write in progress. To detect that a transfer to the destination
register has taken place, the Asynchronous Status Register – ASSR has been
implemented.
•
When entering Power-save or ADC Noise Reduction mode after having written to
TCNT2, OCR2A, or TCCR2A, the user must wait until the written register has been
updated if Timer/Counter2 is used to wake up the device. Otherwise, the MCU will
enter sleep mode before the changes are effective. This is particularly important if
the Output Compare2 interrupt is used to wake up the device, since the Output
Compare function is disabled during writing to OCR2A or TCNT2. If the write cycle
is not finished, and the MCU enters sleep mode before the OCR2UB bit returns to
zero, the device will never receive a compare match interrupt, and the MCU will not
wake up.
•
If Timer/Counter2 is used to wake the device up from Power-save or ADC Noise
Reduction mode, precautions must be taken if the user wants to re-enter one of
these modes: The interrupt logic needs one TOSC1 cycle to be reset. If the time
between wake-up and re-entering sleep mode is less than one TOSC1 cycle, the
interrupt will not occur, and the device will fail to wake up. If the user is in doubt
whether the time before re-entering Power-save or ADC Noise Reduction mode is
sufficient, the following algorithm can be used to ensure that one TOSC1 cycle has
elapsed:
1.
Write a value to TCCR2A, TCNT2, or OCR2A.
2.
Wait until the corresponding Update Busy Flag in ASSR returns to zero.
3.
Enter Power-save or ADC Noise Reduction mode.
•
When the asynchronous operation is selected, the 32.768 kHz Oscillator for
Timer/Counter2 is always running, except in Power-down and Standby modes. After
a Power-up Reset or wake-up from Power-down or Standby mode, the user should
be aware of the fact that this Oscillator might take as long as one second to stabilize.
The user is advised to wait for at least one second before using Timer/Counter2
after power-up or wake-up from Power-down or Standby mode. The contents of all
Timer/Counter2 Registers must be considered lost after a wake-up from Power-
down or Standby mode due to unstable clock signal upon start-up, no matter
whether the Oscillator is in use or a clock signal is applied to the TOSC1 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com