Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA649 Datasheet(PDF) 144 Page - ATMEL Corporation

Part # ATMEGA649
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA649 Datasheet(HTML) 144 Page - ATMEL Corporation

Back Button ATMEGA649 Datasheet HTML 140Page - ATMEL Corporation ATMEGA649 Datasheet HTML 141Page - ATMEL Corporation ATMEGA649 Datasheet HTML 142Page - ATMEL Corporation ATMEGA649 Datasheet HTML 143Page - ATMEL Corporation ATMEGA649 Datasheet HTML 144Page - ATMEL Corporation ATMEGA649 Datasheet HTML 145Page - ATMEL Corporation ATMEGA649 Datasheet HTML 146Page - ATMEL Corporation ATMEGA649 Datasheet HTML 147Page - ATMEL Corporation ATMEGA649 Datasheet HTML 148Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 375 page
background image
144
ATmega329/3290/649/6490
2552H–AVR–11/06
8-bit Timer/Counter
Register Description
TCCR2A – Timer/Counter
Control Register A
• Bit 7 – FOC2A: Force Output Compare A
The FOC2A bit is only active when the WGM bits specify a non-PWM mode. However,
for ensuring compatibility with future devices, this bit must be set to zero when TCCR2A
is written when operating in PWM mode. When writing a logical one to the FOC2A bit,
an immediate compare match is forced on the Waveform Generation unit. The OC2A
output is changed according to its COM2A1:0 bits setting. Note that the FOC2A bit is
implemented as a strobe. Therefore it is the value present in the COM2A1:0 bits that
determines the effect of the forced compare.
A FOC2A strobe will not generate any interrupt, nor will it clear the timer in CTC mode
using OCR2A as TOP.
The FOC2A bit is always read as zero.
• Bit 6, 3 – WGM21:0: Waveform Generation Mode
These bits control the counting sequence of the counter, the source for the maximum
(TOP) counter value, and what type of waveform generation to be used. Modes of oper-
ation supported by the Timer/Counter unit are: Normal mode, Clear Timer on Compare
match (CTC) mode, and two types of Pulse Width Modulation (PWM) modes. See Table
67 and “Modes of Operation” on page 138.
Note:
1. The CTC2 and PWM2 bit definition names are now obsolete. Use the WGM21:0 def-
initions. However, the functionality and location of these bits are compatible with
previous versions of the timer.
Bit
7
6
5
4
3
2
1
0
(0xB0)
FOC2A
WGM20
COM2A1
COM2A0
WGM21
CS22
CS21
CS20
TCCR2A
Read/Write
W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 67. Waveform Generation Mode Bit Description
(1)
Mode
WGM21
(CTC2)
WGM20
(PWM2)
Timer/Counter Mode
of Operation
TOP
Update of
OCR2A at
TOV2 Flag
Set on
0
0
0
Normal
0xFF
Immediate
MAX
1
0
1
PWM, Phase Correct
0xFF
TOP
BOTTOM
2
1
0
CTC
OCR2A
Immediate
MAX
3
1
1
Fast PWM
0xFF
BOTTOM
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com