Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA649 Datasheet(PDF) 164 Page - ATMEL Corporation

Part # ATMEGA649
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA649 Datasheet(HTML) 164 Page - ATMEL Corporation

Back Button ATMEGA649 Datasheet HTML 160Page - ATMEL Corporation ATMEGA649 Datasheet HTML 161Page - ATMEL Corporation ATMEGA649 Datasheet HTML 162Page - ATMEL Corporation ATMEGA649 Datasheet HTML 163Page - ATMEL Corporation ATMEGA649 Datasheet HTML 164Page - ATMEL Corporation ATMEGA649 Datasheet HTML 165Page - ATMEL Corporation ATMEGA649 Datasheet HTML 166Page - ATMEL Corporation ATMEGA649 Datasheet HTML 167Page - ATMEL Corporation ATMEGA649 Datasheet HTML 168Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 375 page
background image
164
ATmega329/3290/649/6490
2552H–AVR–11/06
Note:
1. The baud rate is defined to be the transfer rate in bit per second (bps)
BAUD Baud rate (in bits per second, bps)
f
OSC
System Oscillator clock frequency
UBRRn Contents of the UBRRnH and UBRRnL Registers, (0-4095)
Some examples of UBRRn values for some system clock frequencies are found in Table
85 (see page 183).
Double Speed Operation
(U2Xn)
The transfer rate can be doubled by setting the U2Xn bit in UCSRnA. Setting this bit
only has effect for the asynchronous operation. Set this bit to zero when using synchro-
nous operation.
Setting this bit will reduce the divisor of the baud rate divider from 16 to 8, effectively
doubling the transfer rate for asynchronous communication. Note however that the
Receiver will in this case only use half the number of samples (reduced from 16 to 8) for
data sampling and clock recovery, and therefore a more accurate baud rate setting and
system clock are required when this mode is used. For the Transmitter, there are no
downsides.
External Clock
External clocking is used by the synchronous slave modes of operation. The description
in this section refers to Figure 71 for details.
External clock input from the XCK pin is sampled by a synchronization register to mini-
mize the chance of meta-stability. The output from the synchronization register must
then pass through an edge detector before it can be used by the Transmitter and
Receiver. This process introduces a two CPU clock period delay and therefore the max-
imum external XCK clock frequency is limited by the following equation:
Note that f
osc depends on the stability of the system clock source. It is therefore recom-
mended to add some margin to avoid possible loss of data due to frequency variations.
Table 77. Equations for Calculating Baud Rate Register Setting
Operating Mode
Equation for Calculating
Baud Rate(1)
Equation for Calculating
UBRRn Value
Asynchronous Normal
mode (U2Xn = 0)
Asynchronous Double
Speed mode
(U2Xn = 1)
Synchronous Master
mode
BAUD
f
OSC
16 UBRR
1
+
()
---------------------------------------
=
UBRR
f
OSC
16BAUD
------------------------
1
–
=
BAUD
f
OSC
8 UBRR
1
+
()
-----------------------------------
=
UBRR
f
OSC
8BAUD
--------------------
1
–
=
BAUD
f
OSC
2 UBRR
1
+
()
-----------------------------------
=
UBRR
f
OSC
2BAUD
--------------------
1
–
=
f
XCK
f
OSC
4
-----------
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com