Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA649 Datasheet(PDF) 169 Page - ATMEL Corporation

Part # ATMEGA649
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA649 Datasheet(HTML) 169 Page - ATMEL Corporation

Back Button ATMEGA649 Datasheet HTML 165Page - ATMEL Corporation ATMEGA649 Datasheet HTML 166Page - ATMEL Corporation ATMEGA649 Datasheet HTML 167Page - ATMEL Corporation ATMEGA649 Datasheet HTML 168Page - ATMEL Corporation ATMEGA649 Datasheet HTML 169Page - ATMEL Corporation ATMEGA649 Datasheet HTML 170Page - ATMEL Corporation ATMEGA649 Datasheet HTML 171Page - ATMEL Corporation ATMEGA649 Datasheet HTML 172Page - ATMEL Corporation ATMEGA649 Datasheet HTML 173Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 375 page
background image
169
ATmega329/3290/649/6490
2552H–AVR–11/06
Sending Frames with 9 Data
Bit
If 9-bit characters are used (UCSZ = 7), the ninth bit must be written to the TXB8n bit in
UCSRnB before the low byte of the character is written to UDRn. The following code
examples show a transmit function that handles 9-bit characters. For the assembly
code, the data to be sent is assumed to be stored in registers R17:R16.
Notes:
1. These transmit functions are written to be general functions. They can be optimized if
the contents of the UCSRnB is static. For example, only the TXB80 bit of the UCS-
RnB Register is used after initialization.
2. See “About Code Examples” on page 8.
The ninth bit can be used for indicating an address frame when using multi processor
communication mode or for other protocol handling as for example synchronization.
Assembly Code Example(1)(2)
USART_Transmit:
; Wait for empty transmit buffer
sbis
UCSR0A,UDRE0
rjmp
USART_Transmit
; Copy 9th bit from r17 to TXB80
cbi
UCSR0B,TXB80
sbrc
r17,0
sbi
UCSR0B,TXB80
; Put LSB data (r16) into buffer, sends the data
out
UDR0,r16
ret
C Code Example
(1)(2)
void
USART_Transmit( unsigned int data )
{
/* Wait for empty transmit buffer */
while
( !( UCSR0A & (1<<UDRE0))) )
;
/* Copy 9th bit to TXB80 */
UCSR0B &= ~(1<<TXB80);
if ( data & 0x0100 )
UCSR0B |= (1<<TXB80);
/* Put data into buffer, sends the data */
UDR0 = data;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com