Electronic Components Datasheet Search
  English  ▼

X  

R307 Datasheet(PDF) 9 Page - Hangzhou Grow Technology Co., Ltd

Part # R307
Description  Fingerprint Module User Manual
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GROW [Hangzhou Grow Technology Co., Ltd]
Direct Link  http://en.hzgrow.com
Logo GROW - Hangzhou Grow Technology Co., Ltd

R307 Datasheet(HTML) 9 Page - Hangzhou Grow Technology Co., Ltd

Back Button R307 Datasheet HTML 5Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 6Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 7Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 8Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 9Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 10Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 11Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 12Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 13Page - Hangzhou Grow Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
- 7 -
www.hzgrow.com
08H
End of Data packet.
Package
length
LENGTH
2 bytes
Refers to the length of package content (command packets and
data packets) plus the length of Checksum( 2 bytes). Unit is
byte. Max length is 256 bytes. And high byte is transferred first.
Package
contents
DATA
-
It can be commands, data, command’s parameters,
acknowledge result, etc. (fingerprint character value, template
are all deemed as data);
Checksum
SUM
2 bytes
The arithmetic sum of package identifier, package length and
all package contens. Overflowing bits are omitted. high byte is
transferred first.
Check and acknowledgement of data package
Note: Commands shall only be sent from upper computer to the Module, and the Module
acknowledges the commands.
Upon receipt of commands, Module will report the commands execution status and results to upper
computer through acknowledge packet. Acknowledge packet has parameters and may also have
following data packet. Upper computer can’t ascertain Module’s package receiving status or
command execution results unless through acknowledge packet sent from Module. Acknowledge
packet includes 1 byte confirmation code and maybe also the returned parameter.
Confirmation code’s definition is :
00h: commad execution complete;
01h: error when receiving data package;
02h: no finger on the sensor;
03h: fail to enroll the finger;
04h: fail to generate character file due to the over-disorderly fingerprint image;
05h: fail to generate character file due to the over-wet fingerprint image;
06h: ail to generate character file due to the over-disorderly fingerprint image;
07h: fail to generate character file due to lackness of character point or over-smallness of
fingerprint image
08h: finger doesn’t match;
09h: fail to find the matching finger;
0Ah: fail to combine the character files;
0Bh: addressing PageID is beyond the finger library;
0Ch: error when reading template from library or the template is invalid;
0Dh: error when uploading template;
0Eh: Module can’t receive the following data packages.
0Fh: error when uploading image;
10h: fail to delete the template;
11h: fail to clear finger library;
13h: wrong password!
15h: fail to generate the image for the lackness of valid primary image;
18h: error when writing flash;
19h: No definition error;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com