Electronic Components Datasheet Search
  English  ▼

X  

R307 Datasheet(PDF) 10 Page - Hangzhou Grow Technology Co., Ltd

Part # R307
Description  Fingerprint Module User Manual
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GROW [Hangzhou Grow Technology Co., Ltd]
Direct Link  http://en.hzgrow.com
Logo GROW - Hangzhou Grow Technology Co., Ltd

R307 Datasheet(HTML) 10 Page - Hangzhou Grow Technology Co., Ltd

Back Button R307 Datasheet HTML 6Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 7Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 8Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 9Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 10Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 11Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 12Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 13Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 14Page - Hangzhou Grow Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
- 8 -
www.hzgrow.com
1Ah: invalid register number;
1Bh: incorrect configuration of register;
1Ch: wrong notepad page number;
1Dh: fail to operate the communication port;
others: system reserved;
41h: No finger on sensor when add fingerprint on second time.
42h: fail to enroll the finger for second fingerprint add.
43h: fail to generate character file due to lackness of character point or over-smallness of
fingerprint image for second fingerprint add
44h: fail to generate character file due to the over-disorderly fingerprint image for second
fingerprint add;
45h: Duplicate fingerprint
V Module Instruction System
R30X series provide 23 instructions. Through combination of different instructions, application
program may realize muti finger authentication functions. All commands/data are transferred in
package format. Refer to 5.1 for the detailed information of package.
System-related instructions
Verify passwoard VfyPwd
Description: Verify Module’s handshaking password. (Refer to 4.6 for details)
Input Parameter: PassWord (4 bytes)
Return Parameter: Confirmation code (1 byte)
Instruction code: 13H
Command (or instruction) package format:
2 bytes
4bytes
1 byte
2 bytes
1 byte
4 byte
2 bytes
Header
Module
address
Package
identifier
Instruction
code
Password
Checksum
0xEF01
xxxx
01H
07H
13H
PassWord
sum
Acknowledge package format:
2 bytes
4bytes
1 byte
2 bytes
1 byte
2 bytes
Header
Module address
Package
identifier
Package
Length
Confirmation
code
Checksum
0xEF01
xxxx
07H
03H
xxH
sum
Note: Confirmation code = 00H: Correct password;
Confirmation code = 01H: error when receiving package;
Confirmation code = 13H: Wrong password;
Set password
SetPwd
Description: Set Module’s handshaking password. (Refer to 4.6 for details)
Input Parameter: PassWord (4 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com