Electronic Components Datasheet Search
  English  ▼

X  

R307 Datasheet(PDF) 22 Page - Hangzhou Grow Technology Co., Ltd

Part # R307
Description  Fingerprint Module User Manual
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GROW [Hangzhou Grow Technology Co., Ltd]
Direct Link  http://en.hzgrow.com
Logo GROW - Hangzhou Grow Technology Co., Ltd

R307 Datasheet(HTML) 22 Page - Hangzhou Grow Technology Co., Ltd

Back Button R307 Datasheet HTML 16Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 17Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 18Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 19Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 20Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 21Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 22Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 23Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 24Page - Hangzhou Grow Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
- 20 -
www.hzgrow.com
Confirmation code=01H: error when receiving package;
Confirmation code=09H: No matching in the library (both the PageID and
matching score are 0);
2: The instruction doesn’t affect the contents of the buffers.
Other instructions
To generate a random code
GetRandomCode
Description: to command the Module to generate a random number and return it to upper
computer;Refer to 4.8 for more about Random Number Generator;
Input Parameter: none
Return Parameter: Confirmation code (1 byte)
Instuction code: 14H
Command (or instruction) package format:
2 bytes
4bytes
1 byte
2 bytes
1 byte
2 bytes
Header
Module
address
Package
identifier
Package length
Instruction
code
Checksum
0xEF01
xxxx
01H
03H
14H
0018H
Acknowledge package format:
2 bytes
4bytes
1 byte
2 bytes
1 byte
4 bytes
2 bytes
Header
Module
address
Package
identifier
Package
length
Confirmation
code
Random
number
Checksum
0xEF01
xxxx
07H
07H
xxH
xxxx
sum
Note: Confirmation code=00H: generation success;
Confirmation code=01H: error when receiving package;
To write note pad
WriteNotepad
Description: for upper computer to write data to the specified Flash page (refer to 4.1 for more
about Note pad). Also see ReadNotepad;
Input Parameter: NotePageNum, user content (or data content)
Return Parameter: Confirmation code (1 byte)
Instuction code: 18H
Command (or instruction) package format:
2 bytes
4bytes
1 byte
2 bytes
1 byte
1byte
32 bytes
2 bytes
Header
Module
address
Package
identifier
Package
length
Instruction
code
Page
number
Data
content
Checksum
0xEF01
xxxx
01H
36
18H
0~15
content
sum
Acknowledge package format:
2 bytes
4bytes
1 byte
2 bytes
1 byte
2 bytes
Header
Module address
Package
identifier
Package
length
Confirmation code
Checksum
0xEF01
xxxx
07H
03H
xxH
sum
Note: Confirmation code=00H: write success;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com