Electronic Components Datasheet Search
  English  ▼

X  

R307 Datasheet(PDF) 16 Page - Hangzhou Grow Technology Co., Ltd

Part # R307
Description  Fingerprint Module User Manual
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GROW [Hangzhou Grow Technology Co., Ltd]
Direct Link  http://en.hzgrow.com
Logo GROW - Hangzhou Grow Technology Co., Ltd

R307 Datasheet(HTML) 16 Page - Hangzhou Grow Technology Co., Ltd

Back Button R307 Datasheet HTML 12Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 13Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 14Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 15Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 16Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 17Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 18Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 19Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 20Page - Hangzhou Grow Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
- 14 -
www.hzgrow.com
0xEF01
Xxxx
01H
03H
0aH
000eH
Acknowledge package format:
2 bytes
4bytes
1 byte
2 bytes
1 byte
2 bytes
Header
Module
address
Package
identifier
Package
length
Confirmation
code
Checksum
0xEF01
Xxxx
07H
03H
xxH
sum
Note 1: Confirmation code=00H: ready to transfer the following data packet;
Confirmation code=01H: error when receiving package;
Confirmation code=0fH: fail to transfer the following data packet;
2 : Module shall transfer the following data packet after responding to the upper
computer.
Download the image
DownImage
Description: to download image from upper computer to Img_Buffer. Refer to 1.1.1 for more about
the image buffer.
Input Parameter: none
Return Parameter: Confirmation code (1 byte)
Instuction code: 0bH
Command (or instruction) package format:
2 bytes
4bytes
1 byte
2 bytes
1 byte
2 bytes
Header
Module address
Package
identifier
Package
length
Instruction
code
Checksum
0xEF01
Xxxx
01H
03H
0bH
000fH
Acknowledge package format:
2 bytes
4bytes
1 byte
2 bytes
1 byte
2 bytes
Header
Module
address
Package
identifier
Package
length
Confirmation
code
Checksum
0xEF01
Xxxx
07H
03H
xxH
sum
Note: 1:Confirmation code=00H: ready to transfer the following data packet;
Confirmation code=01H: error when receiving package;
Confirmation code=0eH: fail to transfer the following data packet;
2:Module shall transfer the following data packet after responding to the upper computer.
Data package length must be 64, 128, or 256。
To generate character file from image
Img2Tz
Description: to generate character file from the original finger image in ImageBuffer and
store the file in CharBuffer1 or CharBuffer2.
Input Parameter: BufferID (character file buffer number)
Return Parameter: Confirmation code (1 byte)
Instuction code: 02H
Command (or instruction) package format:
2 bytes
4bytes
1 byte
2 bytes
1 byte
1 byte
2 bytes
Header
Module
address
Package
identifier
Package
length
Instruction
code
Buffer
number
Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com