Electronic Components Datasheet Search
  English  ▼

X  

R307 Datasheet(PDF) 14 Page - Hangzhou Grow Technology Co., Ltd

Part # R307
Description  Fingerprint Module User Manual
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GROW [Hangzhou Grow Technology Co., Ltd]
Direct Link  http://en.hzgrow.com
Logo GROW - Hangzhou Grow Technology Co., Ltd

R307 Datasheet(HTML) 14 Page - Hangzhou Grow Technology Co., Ltd

Back Button R307 Datasheet HTML 10Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 11Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 12Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 13Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 14Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 15Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 16Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 17Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 18Page - Hangzhou Grow Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
- 12 -
www.hzgrow.com
Module
address
identifie
r
length
on code
for
capture
number
quantity m
0xEF01
xxxx
01H
08H
32H
xxH
xxxxH
xxH
sum
Note:
1. original module address: 0XFFFFFFFF
2. capture time: 0~ffH,0x20≈ 4.5s,0x25 ≈ 5.5 秒,0x30 ≈ 6.5 秒.
3. Start bit: 0~ max fingerprint capacity
4. Search quantity: 0 ~ N-1 max fingerprint capacity
Acknowledge package format:
2 bytes
4 bytes
1 bytes
2 bytes
1 bytes
2 bytes
2 bytes
2 bytes
Header
Module
address
Package
identifier
Package
length
Confirma
tion code
page
score
Checksu
m
0xEF01
xxxx
07H
07H
xxH
PageID
MatchSc
ore
sum
Note:
1. Confirmation code=00H: read complete;
2. Confirmation code=01H: error when receiving package
3. Confirmation code=06H:fail to generate character file due to the over-disorderly
fingerprint image;
4. Confirmation code=07H: fail to generate character file due to lackness of character point
or over-smallness of fingerprint image;
5. Confirmation code=09H: No matching in the library (both the PageID and matching
score are 0);
Automatic Fingerprint verification
GR_Identify
Description: Automatic collect fingerprint, match captured fingerprint with fingerprint library and
return result.
Input parameter: None
Return parameter: Confirmation code; page; Match score
Instruction code: 34H
Command (or instruction) package format:
2 bytes
4 bytes
1 byte
2 byte
1 byte
2 byte
Header
Module
address
Package
identifier
Package
length
Instruction
code
Checksum
0xEF01
xxxx
01H
03H
34H
38H
Note: Default module address: 0XFFFFFFFF
Acknowledge
package format:
Note:
2 bytes
4 bytes
1 bytes
2 bytes
1 bytes
2 bytes
2 bytes
2 bytes
Header
Module
address
Package
identifier
Package
length
Confirma
tion code
page
score
Checksu
m
0xEF01
xxxx
07H
07H
xxH
PageID
MatchSc
ore
sum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com