Electronic Components Datasheet Search
  English  ▼

X  

R307 Datasheet(PDF) 7 Page - Hangzhou Grow Technology Co., Ltd

Part # R307
Description  Fingerprint Module User Manual
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GROW [Hangzhou Grow Technology Co., Ltd]
Direct Link  http://en.hzgrow.com
Logo GROW - Hangzhou Grow Technology Co., Ltd

R307 Datasheet(HTML) 7 Page - Hangzhou Grow Technology Co., Ltd

Back Button R307 Datasheet HTML 3Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 4Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 5Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 6Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 7Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 8Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 9Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 10Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 11Page - Hangzhou Grow Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
- 5 -
www.hzgrow.com
parameter.
When upper computer sends command to modify parameter, Module first responses with original
configurations, then performs the parameter modification and writes configuration record into Flash.
At the next startup, system will run with the new configurations.
Baud rate control (Parameter Number: 4)
The Parameter controls the UART communication speed of the Modul. Its value is an integer N,
N= [1, 12]. Cooresponding baud rate is 9600*N bps。
Security Level (Parameter Number: 5)
The Parameter controls the matching threshold value of fingerprint searching and matching.
Security level is divided into 5 grades, and cooresponding value is 1, 2, 3, 4, 5. At level 1, FAR is
the highest and FRR is the lowest; however at level 5, FAR is the lowest and FRR is the highest.
Data package length (Parameter Number: 6)
The parameter decides the max length of the transferring data package when communicating with
upper computer. Its value is 0, 1, 2, 3, corresponding to 32 bytes, 64 bytes, 128 bytes, 256 bytes
respectively.
System status register
System status register indicates the current operation status of the Module. Its length is 1 word, and
can be read via instruction ReadSysPara. Definition of the register is as follows:
Bit Num
15
4
3
2
1
0
Description
Reserved
ImgBufStat
PWD
Pass
Busy
Note:
Busy:1 bit. 1: system is executing commands; 0: system is free;
Pass:1 bit. 1: find the matching finger; 0: wrong finger;
PWD:1 bit. 1: Verified device’s handshaking password.
ImgBufStat:1 bit. 1: image buffer contains valid image.
Module password
At power-on reset, system first checks whether the handshaking password has been modified. If not,
system deems upper computer has no requirement of verifying password and will enter into normal
operation mode. That’s, when Module password remains the default, verifying process can be
jumped. The password length is 4 bytes, and its default factory value is 0FFH, 0FFH, 0FFH, 0FFH.
Should the password have be modified, refer to instruction SetPwd, then Module (or device)
handshaking password must be verified before the system enter into normal operation mode. Or
else, system will refuse to execute and command.
The new modified password is stored in Flash and remains at power off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com