Electronic Components Datasheet Search
  English  ▼

X  

R307 Datasheet(PDF) 12 Page - Hangzhou Grow Technology Co., Ltd

Part # R307
Description  Fingerprint Module User Manual
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GROW [Hangzhou Grow Technology Co., Ltd]
Direct Link  http://en.hzgrow.com
Logo GROW - Hangzhou Grow Technology Co., Ltd

R307 Datasheet(HTML) 12 Page - Hangzhou Grow Technology Co., Ltd

Back Button R307 Datasheet HTML 8Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 9Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 10Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 11Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 12Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 13Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 14Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 15Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 16Page - Hangzhou Grow Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
- 10 -
www.hzgrow.com
Acknowledge package format:
2 bytes
4bytes
1 byte
2 bytes
1 byte
2 bytes
Header
Module
address
Package
identifier
Package
length
Confirmation
code
Checksum
0xEF01
Xxxx
07H
03H
xxH
Sum
Note: Confirmation code=00H: parameter setting complete;
Confirmation code=01H: error when receiving package;
Confirmation code=1aH: wrong register number;
Port Control
Control
Description:
For UART protocol, it control the “on/off” of USB port;
For USB protocol, it control the “on/off” of UART port;
Input Parameter: control code
Control code ”0” means turns off the port;
Control code ”1” means turns on the port;
Return Parameter: confirmation code;
Instruction code: 17H
Command (or instruction) package format:
2 bytes
4bytes
1 byte
2 bytes
1 byte
1byte
2 bytes
Header
Chip
address
Package
identifier
Package
length
Instruction
code
Control
code
Checksum
0xEF01
xxxx
01H
04H
17H
0/1
sum
Acknowledge package format:
2 bytes
4bytes
1 byte
2 bytes
1 byte
2 bytes
Header
Chip
address
Package
identifier
Package
length
Confirmation
code
Checksum
0xEF01
xxxx
07H
03H
xxH
sum
Note: Confirmation code=00H: Port operation complete;
Confirmation code=01H: error when receiving package;
Confirmation code=1dH: fail to operate the communication port;
Read system Parameter
ReadSysPara
Description: Read Module’s status register and system basic configuration parameters;(Refer to 4.4
for system configuration parameter and 4.5 for system status register).
Input Parameter:none
Return Parameter:Confirmation code (1 byte) + basic parameter(16bytes)
Instuction code: 0fH
Command (or instruction) package format:
2 bytes
4bytes
1 byte
2 bytes
1 byte
2 bytes
Header
Module
address
Package
identifier
Package length
Instruction
code
Checksum
0xEF01
Xxxx
01H
03H
0fH
sum
Acknowledge package format:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com