Electronic Components Datasheet Search
  English  ▼

X  

R307 Datasheet(PDF) 17 Page - Hangzhou Grow Technology Co., Ltd

Part # R307
Description  Fingerprint Module User Manual
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GROW [Hangzhou Grow Technology Co., Ltd]
Direct Link  http://en.hzgrow.com
Logo GROW - Hangzhou Grow Technology Co., Ltd

R307 Datasheet(HTML) 17 Page - Hangzhou Grow Technology Co., Ltd

Back Button R307 Datasheet HTML 13Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 14Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 15Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 16Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 17Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 18Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 19Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 20Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 21Page - Hangzhou Grow Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
- 15 -
www.hzgrow.com
0xEF01
xxxx
01H
04H
02H
BufferID
sum
Note: BufferID of CharBuffer1 and CharBuffer2 are 1h and 2h respectively. Other values
(except 1h, 2h) would be processed as CharBuffer2.
Acknowledge package format:
2 bytes
4bytes
1 byte
2 bytes
1 byte
2 bytes
Header
Module
address
Package
identifier
Package length Confirmation
code
Checksum
0xEF01
xxxx
07H
03H
XxH
sum
Note: Confirmation code=00H: generate character file complete;
Confirmation code=01H: error when receiving package;
Confirmation code=06H: fail to generate character file due to the over-disorderly
fingerprint image;
Confirmation code=07H: fail to generate character file due to lackness of character
point or over-smallness of fingerprint image;
Confirmation code=15H: fail to generate the image for the lackness of valid primary
image;
To generate template
RegModel
Description: To combine information of character files from CharBuffer1 and CharBuffer2 and
generate a template which is stroed back in both CharBuffer1 and CharBuffer2.
Input Parameter:none
Return Parameter:Confirmation code (1 byte)
Instuction code: 05H
Command (or instruction) package format:
2 bytes
4bytes
1 byte
2 bytes
1 byte
2 bytes
Header
Module
address
Package
identifier
Package
length
Instruction
code
Checksum
0xEF01
xxxx
01H
03H
05H
09H
Acknowledge package format:
2 bytes
4bytes
1 byte
2 bytes
1 byte
2 bytes
Header
Module
address
Package
identifier
Package
length
Confirmation
code
Checksum
0xEF01
xxxx
07H
03H
xxH
sum
Note: Confirmation code=00H: operation success;
Confirmation code=01H: error when receiving package;
Confirmation code=0aH: fail to combine the character files. That’s, the character files
don’t belong to one finger.
To upload character or template
UpChar
Description: to upload the character file or template of CharBuffer1/CharBuffer2 to upper
computer;
Input Parameter: BufferID (Buffer number)
Return Parameter: Confirmation code (1 byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com