Electronic Components Datasheet Search
  English  ▼

X  

R307 Datasheet(PDF) 3 Page - Hangzhou Grow Technology Co., Ltd

Part # R307
Description  Fingerprint Module User Manual
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GROW [Hangzhou Grow Technology Co., Ltd]
Direct Link  http://en.hzgrow.com
Logo GROW - Hangzhou Grow Technology Co., Ltd

R307 Datasheet(HTML) 3 Page - Hangzhou Grow Technology Co., Ltd

  R307 Datasheet HTML 1Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 2Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 3Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 4Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 5Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 6Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 7Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 8Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 9Page - Hangzhou Grow Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
- 1 -
www.hzgrow.com
I Introduction
Operation Principle
Fingerprint processing includes two parts: fingerprint enrollment and fingerprint matching (the
matching can be 1:1 or 1:N).
When enrolling, user needs to enter the finger two times. The system will process the two time
finger images, generate a template of the finger based on processing results and store the template.
When matching, user enters the finger through optical sensor and system will generate a template
of the finger and compare it with templates of the finger library. For 1:1 matching, system will
compare the live finger with specific template designated in the Module; for 1:N matching, or
searching, system will search the whole finger library for the matching finger. In both
circumstances, system will return the matching result, success or failure.
Power
DC 4.2V-6V
Interface
UART(TTL
logical
level)/ USB 2.0
Working current
Typical: 50mA
Matching Mode
1:1 and 1:N
Baud rate
(9600*N)bps,
N=1~12 (default N=6)
Character file size
256 bytes
Image acquiring time
<0.5s
Template size
512 bytes
Storage capacity
1000
Security level
5
(1,
2,
3,
4,
5(highest))
FAR
<0.001%
FRR
<0.1%
Average searching time
< 1s (1:1000)
Window dimension
19mm*21mm
Working environment
Temp: -10℃- +40℃
Storage environment Temp: -40℃- +85℃
RH: 20%-85%
RH: <85%
Outline Dimention
Split type
Module: 44.1*20*23.5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com