Electronic Components Datasheet Search
  English  ▼

X  

AAT3111 Datasheet(PDF) 2 Page - Advanced Analog Technology, Inc.

Part # AAT3111
Description  MicroPower??Regulated Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3111 Datasheet(HTML) 2 Page - Advanced Analog Technology, Inc.

  AAT3111 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Pin Descriptions
Pin Configuration
SOT23-6
SC70JW-8
(Top View)
(Top View)
GND
GND
GND
C+
VIN
C-
SHDN
VOUT 1
2
3
45
6
7
8
GND
C+
VIN
C-
SHDN
VOUT 1
2
3
4
5
6
Pin #
SOT23-6
SC70JW-8
Symbol
Function
1
1
VOUT
Regulated output pin. Bypass this pin to ground with at least
6.8µF low Equivalent Series Resistance (ESR) capacitor.
2
2, 3, 4
GND
Ground connection.
3
5
SHDN
Shutdown input. Logic low signal disables the converter.
4
6
C-
Flying capacitor negative terminal.
5
7
VIN
Input supply pin. Bypass this pin to ground with at least
6.8µF low ESR capacitor.
6
8
C+
Flying capacitor positive terminal.
AAT3111
MicroPower™ Regulated Charge Pump
2
3111.2006.06.1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com