Electronic Components Datasheet Search
  English  ▼

X  

AAT3111 Datasheet(PDF) 15 Page - Advanced Analog Technology, Inc.

Part # AAT3111
Description  MicroPower??Regulated Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3111 Datasheet(HTML) 15 Page - Advanced Analog Technology, Inc.

Back Button AAT3111 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 15Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 16Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AAT3111
MicroPower™ Regulated Charge Pump
3111.2006.06.1.3
15
Package Information
SOT23-6
SC70JW-8
All dimensions in millimeters.
0.225
± 0.075
0.45
± 0.10
2.10
± 0.30
2.00
± 0.20
7
° ± 3°
4
° ± 4°
0.100
0.048REF
0.50 BSC 0.50 BSC 0.50 BSC
1.90 BSC
0.95 BSC
0.45 ± 0.15
0.10 BSC
2.85
± 0.15
0.40
± 0.10 × 6
10
° ± 5°
0.15
± 0.07
GAUGE PLANE
0.60 REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com