Electronic Components Datasheet Search
  English  ▼

X  

AAT3111 Datasheet(PDF) 9 Page - Advanced Analog Technology, Inc.

Part # AAT3111
Description  MicroPower??Regulated Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3111 Datasheet(HTML) 9 Page - Advanced Analog Technology, Inc.

Back Button AAT3111 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 13Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AAT3111
MicroPower™ Regulated Charge Pump
3111.2006.06.1.3
9
Functional Description
Operation (Refer to block diagram)
The AAT3111 uses a switched capacitor charge
pump to boost an input voltage to a regulated output
voltage. Regulation is achieved by sensing the
charge pump output voltage through an internal
resistor divider network. A switched doubling circuit
is enabled when the divided output drops below a
preset trip point controlled by an internal comparator.
The charge pump switch cycling enables four inter-
nal switches at two non-overlapping phases. During
the first phase, switches S1 and S4 are switched on
(short) and switches S2 and S3 are off (open). The
flying capacitor CFLY is charged to a level approxi-
mately equal to input voltage VIN. On the second
phase, switches S1 and S4 are turned off (open),
and S2 and S3 are turned on (short). The low side of
the flying capacitor CFLY is connected to GND during
the first phase. During the second phase, the flying
capacitor CFLY is switched so that the low side is
connected to VIN. The voltage at the high side of the
flying capacitor CFLY is bootstrapped to 2 × VIN and
is connected to the output through switch S3. For
each cycle phase, charge from input node VIN is
transported from a lower voltage to a higher voltage.
This cycle repeats itself until the output node voltage
is high enough to exceed the preset input threshold
of the control comparator. When the output voltage
exceeds the internal trip point level, the switching
cycle stops and the charge pump circuit is tem-
porarily placed in an idle state. When idle, the
AAT3111 has a quiescent current of 20µA or less.
The closed loop feedback system containing the
voltage sense circuit and control comparator allows
the AAT3111 to provide a regulated output voltage to
the limits of the input voltage and output load cur-
rent. The switching signal, which drives the charge
pump, is created by an integrated oscillator within
the control circuit block. The free-running charge
pump switching frequency is approximately 750kHz.
The switching frequency under a load is a function of
VIN, VOUT, COUT, and IOUT.
For each phase of the switching cycle, the charge
transported from VIN to VOUT can be approximated
by the following formula:
VPHASE ≈ CFLY · (2 · VIN - VOUT)
The relative average current that the charge pump
can supply to the output may be approximated by
the following expression:
IOUT(AVG) α CFLY · (2 · VIN - VOUT) · FS
The AAT3111 has complete output short-circuit and
thermal protection to safeguard the device under
extreme operating conditions. An internal thermal
protection circuit senses die temperature and will
shut down the device if the internal junction temper-
ature exceeds approximately 145°C. The charge
pump will remain disabled until the fault condition is
relieved.
Functional Block Diagram
+
-
V
REF
CONTROL
SHDN
VIN
C-
C+
VOUT
GND
S1
S3
S2
S4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com