Electronic Components Datasheet Search
  English  ▼

X  

AAT3111 Datasheet(PDF) 7 Page - Advanced Analog Technology, Inc.

Part # AAT3111
Description  MicroPower??Regulated Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3111 Datasheet(HTML) 7 Page - Advanced Analog Technology, Inc.

Back Button AAT3111 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 11Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Typical Characteristics — AAT3111-3.6
Unless otherwise noted, VIN = 3V, CIN = COUT = 10µF, CFLY = 1µF, TA = 25°C.
VSHDN Threshold vs. Supply Voltage
0.4
0.5
0.6
0.7
0.8
0.9
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
Supply Voltage (V)
VIH
VIL
Startup
Time (100
μs/div)
SHDN
(2V/div)
VOUT
(1V/div)
ILOAD = 100mA
VIN = 2.1V
ILOAD = 50mA
VIN = 2.1V
Efficiency vs. Load Current
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
Load Current (mA)
VIN = 2.0V
VIN = 2.3V
VIN = 2.6V
Efficiency vs. Supply Voltage
50
55
60
65
70
75
80
85
90
95
100
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Supply Voltage (V)
10mA
100mA
50mA
Supply Current vs. Supply Voltage
0
10
20
30
40
50
60
1.6
2.1
2.6
3.1
3.6
Supply Voltage (V)
No Load, Switching
No Load, Not Switching
Output Voltage vs. Output Current
3.45
3.50
3.55
3.60
3.65
3.70
3.75
0.01
0.1
1
10
100
1000
Output Current (mA)
VIN = 2.0V
VIN = 2.9V
VIN = 2.3V
AAT3111
MicroPower™ Regulated Charge Pump
3111.2006.06.1.3
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com