Electronic Components Datasheet Search
  English  ▼

X  

AAT3111 Datasheet(PDF) 4 Page - Advanced Analog Technology, Inc.

Part # AAT3111
Description  MicroPower??Regulated Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3111 Datasheet(HTML) 4 Page - Advanced Analog Technology, Inc.

  AAT3111 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical Characteristics
TA = -40°C to +85°C, unless otherwise noted. Typical values are TA = 25°C, CFLY = 1µF, CIN = 10µF,
COUT = 10µF.
Symbol
Description
Conditions
Min
Typ
Max
Units
AAT3111-3.3
VIN
Input Voltage
VOUT = 3.3V
1.8
VOUT
V
IQ
No Load Supply Current1
1.8V < VIN < 3.3V, IOUT = 0mA, SHDN = VIN
20
30
µA
VOUT
Output Voltage
1.8V < VIN < 3.3V, IOUT = 20mA
3.17
3.30
3.43
V
2.5V < VIN < 3.3V, IOUT = 100mA
3.17
3.30
3.43
ISHDN
Shutdown Supply Current
1.8V < VIN < 3.3V, IOUT = 0mA, VSHDN = 0
0.01
1
µA
VRIPPLE
Ripple Voltage
VIN = 2.0V, IOUT = 50mA
20
mVP-P
η
Efficiency
VIN = 1.8V, IOUT = 25mA
91
%
fOSC
Frequency
Oscillator Free Running
750
kHz
VIH
SHDN Input Threshold High
1.4
V
VIL
SHDN Input Threshold Low
0.3
V
IIH
SHDN Input Current High
SHDN = VIN
-1
1
µA
IIL
SHDN Input Current Low
SHDN = GND
-1
1
µA
tON
VOUT Turn-On Time
VIN = 1.8V, IOUT = 0mA
0.2
ms
ISC
Short-Circuit Current2
VIN = 1.8V, VOUT = GND, SHDN = 3V
300
mA
AAT3111-3.6
VIN
Input Voltage
VOUT = 3.6V
1.8
VOUT
V
IQ
No Load Supply Current1
1.8V < VIN < 3.6V, IOUT = 0mA, SHDN = VIN
20
30
µA
VOUT
Output Voltage
2.0V < VIN < 3.6V, IOUT ≤ 20mA
3.46
3.6
3.74
V
3.0V < VIN < 3.6V, IOUT ≤ 100mA
3.46
3.6
3.74
ISHDN
Shutdown Supply Current
1.8V < VIN < 3.6V, IOUT = 0mA, VSHDN = 0
0.01
1
µA
VRIPPLE
Ripple Voltage
VIN = 2.5V, IOUT = 50mA
25
mVP-P
VIN = 3V, IOUT = 100mA
30
η
Efficiency
VIN = 2.0V, IOUT = 20mA
90
%
fOSC
Frequency
Oscillator Free Running
750
kHz
VIH
SHDN Input Threshold High
1.4
V
VIL
SHDN Input Threshold Low
0.3
V
IIH
SHDN Input Current High
SHDN = VIN
-1
1
µA
IIL
SHDN Input Current Low
SHDN = GND
-1
1
µA
tON
VOUT Turn-On Time
VIN = 1.8V, IOUT = 0mA
0.2
ms
ISC
Short-Circuit Current2
VIN = 1.8V, VOUT = GND, SHDN = 3V
300
mA
AAT3111
MicroPower™ Regulated Charge Pump
4
3111.2006.06.1.3
1. Under short-circuit conditions, the device may enter over-temperature protection mode.
2. IQ = IVIN + IVOUT. VOUT is pulled up to 3.8V to prevent switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com