Electronic Components Datasheet Search
  English  ▼

X  

AAT3111 Datasheet(PDF) 12 Page - Advanced Analog Technology, Inc.

Part # AAT3111
Description  MicroPower??Regulated Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3111 Datasheet(HTML) 12 Page - Advanced Analog Technology, Inc.

Back Button AAT3111 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 15Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 16Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AAT3111
MicroPower™ Regulated Charge Pump
12
3111.2006.06.1.3
There are several methods that can be employed to
reduce output ripple depending upon the require-
ments of a given application. The most simple and
straightforward technique is to increase the value of
the COUT capacitor. The nominal 10µF COUT capac-
itor can be increased to 22µF or more. Larger val-
ues for the COUT capacitor (22µF and greater) will by
nature have lower ESR and can improve both high
and low frequency components of the charge pump
output ripple response. If a higher value tantalum
capacitor is used for COUT to reduce low frequency
ripple elements, a small 1µF low ESR ceramic
capacitor should be added in parallel to the tantalum
capacitor (see Figure 1). The reason for this is tan-
talum capacitors typically have higher ESR than
equivalent value ceramic capacitors and are less
able to reduce high-frequency components of the
output ripple. The only disadvantage to using large
values for the COUT capacitor is the AAT3111 device
turn-on time and inrush current may be increased.
If additional ripple reduction is desired, an R/C filter
can be added to the charge pump output in addi-
tion to the COUT capacitor (see Figure 2). An R/C
filter will reduce output ripple by primarily attenuat-
ing high frequency components of the output ripple
waveform. The low frequency break point for the
R/C filter will significantly depend on the capacitor
value selected.
Layout Considerations
High charge pump switching frequencies and large
peak transient currents mandate careful printed cir-
cuit board layout. As a general rule for charge
pump boost converters, all external capacitors
should be located as closely as possible to the
device package with minimum length trace con-
nections. Maximize the ground plane around the
AAT3111 charge pump and make sure all external
capacitors are connected to the immediate ground
plane. A local component side ground plane is rec-
ommended. If this is not possible due the layout
design limitations, assure good ground connec-
tions by the use of large or multiple PCB vias.
Refer to the AAT3111 evaluation board for an exam-
ple of good charge pump layout design (Figures 3
through 5).
Figure 1: Application Using Tantalum Capacitor.
Figure 2: Application With Output Ripple Reduction Filter.
1
μF
10
μF
COUT
CFLY
CIN
10
μF
VOUT
VIN
(3.3V)
(1.8V to 3.3V)
C+
VOUT
GND
SHDN
VIN
C-
ON/OFF
AAT3111
CFILTER
33
μF
RFILTER
1.5
Ω
CFLY
1
μF
CIN
10
μF
COUT1
22
μF
VOUT
(3.3V)
VIN
(1.8V to 3.3V)
C+
VOUT
GND
SHDN
VIN
C-
ON/OFF
AAT3111
COUT2
1
μF
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com