Electronic Components Datasheet Search
  English  ▼

X  

AAT3111 Datasheet(PDF) 14 Page - Advanced Analog Technology, Inc.

Part # AAT3111
Description  MicroPower??Regulated Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3111 Datasheet(HTML) 14 Page - Advanced Analog Technology, Inc.

Back Button AAT3111 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 15Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 16Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Ordering Information
All AnalogicTech products are offered in Pb-free packaging. The term “Pb-free” means
semiconductor products that are in compliance with current RoHS standards, including
the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more
information, please visit our website at http://www.analogictech.com/pbfree.
Output Voltage
Package
Marking1
Part Number (Tape and Reel)2
3.3V
SOT23-6
BPXYY
AAT3111IGU-3.3-T1
3.6V
SOT23-6
BOXYY
AAT3111IGU-3.6-T1
3.3V
SC70JW-8
BPXYY
AAT3111IJS-3.3-T1
3.6V
SC70JW-8
BOXYY
AAT3111IJS-3.6-T1
AAT3111
MicroPower™ Regulated Charge Pump
14
3111.2006.06.1.3
1. XYY = assembly and date code.
2. Sample stock is generally held on part numbers listed in BOLD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com