Electronic Components Datasheet Search
  English  ▼

X  

AAT3111 Datasheet(PDF) 8 Page - Advanced Analog Technology, Inc.

Part # AAT3111
Description  MicroPower??Regulated Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3111 Datasheet(HTML) 8 Page - Advanced Analog Technology, Inc.

Back Button AAT3111 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 12Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Typical Characteristics — AAT3111-3.6
Unless otherwise noted, VIN = 3V, CIN = COUT = 10µF, CFLY = 1µF, TA = 25°C.
Output Ripple
(IOUT = 100mA; VIN = 3.0V)
Time (1
μs/div)
Output Ripple
(IOUT = 50mA; VIN = 2.5V)
Time (2
μs/div)
Load Transient Response
(VIN = 2.4V)
Time (50
μs/div)
IOUT
(50mA/div)
VOUT
AC Coupled
(20mV/div)
Load Transient Response
(VIN = 2.1V)
Time (50
μs/div)
IOUT
(20mA/div)
VOUT
AC Coupled
(20mV/div)
AAT3111
MicroPower™ Regulated Charge Pump
8
3111.2006.06.1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com