Electronic Components Datasheet Search
  English  ▼

X  

AAT3111 Datasheet(PDF) 3 Page - Advanced Analog Technology, Inc.

Part # AAT3111
Description  MicroPower??Regulated Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3111 Datasheet(HTML) 3 Page - Advanced Analog Technology, Inc.

  AAT3111 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3111 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AAT3111
MicroPower™ Regulated Charge Pump
3111.2006.06.1.3
3
Absolute Maximum Ratings1
TA = 25°C, unless otherwise noted.
Thermal Information3
Symbol
Description
Rating
Units
ΘJA
Maximum Thermal Resistance
150
°C/W
PD
Maximum Power Dissipation
667
mW
Symbol
Description
Value
Units
VIN
VIN to GND
-0.3 to 6
V
VOUT
VOUT to GND
-0.3 to 6
V
VSHDN
SHDN to GND
-0.3 to 6
V
tSC
Output to GND Short-Circuit Duration
Indefinite
s
TJ
Operating Junction Temperature Range
-40 to 150
°C
TLEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
VESD
ESD Rating2 — HBM
2000
V
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
3. Mounted on an FR4 board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com