Electronic Components Datasheet Search
  English  ▼

X  

RK818 Datasheet(PDF) 31 Page - Rockchip Electronics Co., Ltd

Part # RK818
Description  Input range: 3.8V - 6V for USB input 2.7V - 4.5V for BAT input
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK818 Datasheet(HTML) 31 Page - Rockchip Electronics Co., Ltd

Back Button RK818 Datasheet HTML 27Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 28Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 29Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 30Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 31Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 32Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 33Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 34Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 35Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 93 page
background image
RK818 Datasheet
Rev 1.0
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
31
Function Description
4.1 Function overview
4.1.1 POWER UP/POWER DOWN
The RK818 can be powered by either a battery, or an external power supply through the
USB port. When the PMIC is powered by a battery only, pressing the PWRON key powers up
the PMIC. All the power channels start up at the default output voltages with a preset power
up sequence, which has 2mS intervals between the channels. When the power up process is
done, the NRESPWRON turns to high logic level to inform the processor that all the power
rails are up and stable. And now the processor can communicate with the PMIC to re-
configure the output voltage of each power channel if needed.
To power down the PMIC, the processor needs to issue a “power down” signal through the
I2C interface. Upon receiving the power down signal, the PMIC first saves all the information
on the existing states, and then switches the NRESPWRON to low logic level. At this point, the
power channels start to be turned off one after another with the power down sequence. If for
any reason the processor fails to issue the power down signal, the PMIC can be powered off
by “pressing and holding” the PWRON key.
In a case where a battery is the sole power supply and the PMIC is in off state, when an
external power supply is plugged into the USB, the PMIC will first check to see if this is a valid
power supply. If the power supply from the USB is valid, then the power channels are turned
on and the battery is charged.
4.1.2 SWITCHING CHARGER
The RK818 has integrated a switch mode charger, which provides the functions like trickle
current charging, constant current charging, constant voltage charging, charging termination,
automatic recharging, battery temperature monitoring, charging timer and thermal feedback
protection. The values of constant current and constant voltage charging can be set through
I2C interface.
The input average current limit function allows as large as possible a charging current to
be used without having to worry about the input current exceeding the maximum current
allowed by the USB port. The input current limits can be configured through I2C interface. For
example, when an USB port is used as the input, the input current limit can be configured to
either 450mA, or 850mA, to meet the requirements of USB2.0 and USB3.0 respectively.
The charger also has a timer function which sets the maximum charging time for trickle,
constant current and constant voltage charging, respectively. If the charging does not
complete when a preset maximum charging time is reached, the charging is terminated.
The battery temperature can be monitored through the TS1 pin. A battery typically has a
thermistor inside. The RK818 sinks a constant current into the thermistor and senses the
voltage across the thermistor through an internal ADC. A safe charging temperature range is
preset in the PMIC. The charging can proceed normally if the battery temperature falls within
the preset range. If, however, the battery temperature goes either above the upper limit or
below the lower limit of the preset range, the charging will pause until the battery
temperature goes back in the preset range. If the value of the available thermistor is either
too large or too small, a normal resistor can be connected in series or in parallel with the
thermistor so that the sensed voltage fits the ADC’s input range.
During Charging, Vsys will be set to 3.6V when the battery voltage is below 3.6V. This
design is to guarantee that when an external power supply is plugged into the USB port to
charge the battery while the battery voltage is low, the Vsys is already at 3.6V, which allows
the PMIC to start up quickly without having to wait for the Vsys ramping up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com