Electronic Components Datasheet Search
  English  ▼

X  

RK818 Datasheet(PDF) 20 Page - Rockchip Electronics Co., Ltd

Part # RK818
Description  Input range: 3.8V - 6V for USB input 2.7V - 4.5V for BAT input
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK818 Datasheet(HTML) 20 Page - Rockchip Electronics Co., Ltd

Back Button RK818 Datasheet HTML 16Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 17Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 18Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 19Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 20Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 21Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 22Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 23Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 24Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 93 page
background image
RK818 Datasheet
Rev 1.0
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
20
PARAMETERS
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
Load Regulation, IOUT2 = 200
mA to 4A
0.1
%/A
Line Regulation, VCC2 = 3 to
5.5V, IOUT2 = 2A
0.1
%/V
Rated output current
IMAX2
Reg90H<3:2>=<11
>
4
A
Switch Current Limit
ICL2
0.4A
step,
default=3.6A
3.2
4.4
A
Operating Quiescent Current,
No load, VDD=3.8V
IQ2
70
uA
Minimun Switch Current Limit
ICLMIN2
50mA
step,
default=150mA
50
400
mA
Minimum ON Time
Ton2(min)
45
ns
Soft-start Time
tSS2
Step=400us,
default=400us
400
800
us
COUT Discharge Switch ON
Resistance
RDIS2
250
ohm
Conversion
Efficiency
(Vin=3.8V,Vout=1.1V)
Iout=4A
Iout=3.5A
Iout=3A
Iout=2.5A
Iout=2A
Iout=1.5A
Iout=1 A
Iout=500mA
Iout=100 mA
Iout=10 mA
62
65
69
73
76
81
85
89
85
83
%
CH3:BUCK DC-DC CONVERTER (BUCK3)
Input supply voltage range
VINPUT3
2.7
5.5
V
Feedback
Voltage,
Default( Tj=25
℃ )
VFB3(Default)
0.98
1.00
1.02
V
Feedback Voltage, Default(-
10
℃≦Tj≦+85℃)
VFB3(Default)
0.97
1.00
1.03
V
Power Good threshold (Vout
rising)
VPG3
93
%
Output under voltage lockout
(Vout falling)
VUV3
85
%
Output over voltage lockout
(Vout rising)
VOV3
117
%
Load
Regulation,
IOUT3
=
100mA to 2.5A
0.1
%/A
Line Regulation, VCC3 = 3 to
5.5V, IOUT3 = 2A
0.1
%/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com