Electronic Components Datasheet Search
  English  ▼

X  

RK818 Datasheet(PDF) 18 Page - Rockchip Electronics Co., Ltd

Part # RK818
Description  Input range: 3.8V - 6V for USB input 2.7V - 4.5V for BAT input
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK818 Datasheet(HTML) 18 Page - Rockchip Electronics Co., Ltd

Back Button RK818 Datasheet HTML 14Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 15Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 16Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 17Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 18Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 19Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 20Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 21Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 22Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 93 page
background image
RK818 Datasheet
Rev 1.0
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
18
PARAMETERS
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
CH1,2,3,4( Tj=25
℃ )
Switching
Frequency,
CH5( Tj=25
℃ )
fSW
0.9
1
1.1
MHz
LOGIC INPUT
Input
LOW-Level
Voltage
(VDDIO)
VIL
0.3xVDDI
O
V
Input
HIGH-Level
Voltage
(VDDIO)
VIH
0.7xVDDI
O
V
LOGIC OUTPUT
LOW-Level Output Voltage,
3.0 mA sink current
VOL
0.4
V
HIGH-Level Output Voltage,
3.0 mA source current
VOH
VDDIO-
0.4
V
NRESPWON
pin
LOW-Level
Output Voltage, 3.0mA sink
current
VOL(NRES)
0.4
V
CLK32KOUT1 pin LOW-Level
Output Voltage, 3.0mA sink
current
VOL(CLKO1)
0.4
V
CLK32KOUT2 pin LOW-Level
Output Voltage, 3.0mA sink
current
VOL(CLKO2)
0.4
CLK32KOUT2 pin HIGH-Level
Output Voltage, 3.0mA source
current
VOH(CLKO2)
VDDIO-
0.4
V
CH1:BUCK DC-DC CONVERTER(BUCK1)
Input supply voltage range
VINPUT1
2.7
5.5
V
Voltage Adjustable Range, 6bit VFB1
Step=12.5mV
0.7125
1.500
V
Output voltage transition rate
BUCK1_RATE=00
BUCK1_RATE=01
BUCK1_RATE=10
BUCK1_RATE=11
2
3
4.5
6
mV/us
Power Good threshold (Vout
rising)
VPG1
93
%
Output
under
voltage
lockout(Vout falling)
VUV1
85
%
Output over voltage lockout
(Vout rising)
VOV1
117
%
Preset
Voltage,
Default( Tj=25
℃ )
VFB1(Default)
1.078
1.100
1.122
V
Preset Voltage, Default(-10
℃≦
Tj
≦+85℃)
VFB1(Default)
1.067
1.100
1.133
V
Load
Regulation,
IOUT1
=
200mA to 4A
0.1
%/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com