Electronic Components Datasheet Search
  English  ▼

X  

RK818 Datasheet(PDF) 78 Page - Rockchip Electronics Co., Ltd

Part # RK818
Description  Input range: 3.8V - 6V for USB input 2.7V - 4.5V for BAT input
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK818 Datasheet(HTML) 78 Page - Rockchip Electronics Co., Ltd

Back Button RK818 Datasheet HTML 74Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 75Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 76Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 77Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 78Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 79Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 80Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 81Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 82Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 93 page
background image
RK818 Datasheet
Rev 1.0
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
78
Bit 6
TS2_SD_EN: PMIC EN bit control when TS2 is over either upper or lower
limit
0: Disable the EN bit
1: Enable the EN bit
Bit 5
CHRG_TERM_ANA_DIG: Charging termination flag bit source selection
0: Analog
1: Digital
Bit 4
CHRG_PHASE: Charger timer reverse mode control
0: Normal
1: Reverse
Bit 3
CHRG_TIMER_TRIKL_EN: Trickle current charging timer control
0: Enable
1: Disable
Bit 2
CHRG_TIMER_CCCV_EN: Constant current/constant voltage timer control
0: Disable
1: Enable
Bit 1-0
Reserved
OTG_ILIM_REG/BAT_CTRL_REG: OTG/BATTERY CURRENT LIMIT REGISTER
ADDRESS: A6H
TYPE: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
BAT_DIS_IL
IM_EN
H5V_IPK
LIM_SEL
OTG_IPK
LIM_SEL
OTG_ILIM_SEL
BAT_DISCHRG_ILIM
DEFAULT
1
0
0
0
1
1
0
0
Description
Bit 7
BAT_DIS_ILIM_EN: Discharging current limit function control
0: Disable
1: Enable
Bit 6
H5V_IPKLIM_SEL: HDMI 5V peak current limit selection
0: 100mA
1: 115mA
Bit 5
OTG_IPKLIM_SEL: OTG peak current limit selection
0:125%*OTG_ILIM_SEL
1:150%*OTG_ILIM_SEL
Bit 4-3
OTG_ILIM_SEL:OTG current limit selection
00:700mA,
01:800mA,
10:900mA,
11:1A
Bit 2-0
BAT_DISCHRG_ILIM: Discharging current limit selection
000:3A, 001:3.5A, 010:4A, 011 4.5A, 1xx:5A
BAT_HTS_TS1_REG: TS1 HT PROTECTION THRESHOLD REGISTER
ADDRESS: A8H
TYPE: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
BAT_HTS_TS1
DEFAULT
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com