Electronic Components Datasheet Search
  English  ▼

X  

RK818 Datasheet(PDF) 68 Page - Rockchip Electronics Co., Ltd

Part # RK818
Description  Input range: 3.8V - 6V for USB input 2.7V - 4.5V for BAT input
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK818 Datasheet(HTML) 68 Page - Rockchip Electronics Co., Ltd

Back Button RK818 Datasheet HTML 64Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 65Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 66Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 67Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 68Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 69Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 70Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 71Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 72Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 93 page
background image
RK818 Datasheet
Rev 1.0
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
68
Description
Bit 7-5
RESERVED
Bit 4-0
LDO7_ON_VSEL: LDO7 active mode voltage selection.
0.8V~2.5V, step=0.1V
00000: 0.8V
00001: 0.9V
……
10000: 2.4V
10001: 2.5V
DEFAULT is set by boot.
LDO7_SLP_VSEL_REG : LDO7 SLEEP MODE VOLTAGE SELECT REGISTER
ADDRESS: 48H
TYPE: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
RESV
RESV
RESV
LDO7_SLP_VSEL
DEFAULT
0
0
0
0
0
0
0
0
Description
Bit 7-5
RESERVED
Bit 4-0
LDO7_SLP_VSEL: LDO7 sleep mode voltage selection.
0.8V~2.5V, step=0.1V
00000: 0.8V
00001: 0.9V
……
10000: 2.4V
10001: 2.5V
LDO8_ON_VSEL_REG : LDO8 ACTIVE MODE VOLTAGE SELECT REGISTER
ADDRESS: 49H
TYPE: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
RESV
RESV
RESV
LDO8_ON_VSEL
DEFAULT
0
0
0
Boot
Description
Bit 7-5
RESERVED
Bit 4-0
LDO8_ON_VSEL: LDO8 active mode voltage selection.
1.8V~3.4V, step=0.1V
00000: 1.8V
00001: 1.9V
….
01110: 3.2V
01111: 3.3V
10000: 3.4V
DEFAULT is set by boot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com