Electronic Components Datasheet Search
  English  ▼

X  

RK818 Datasheet(PDF) 33 Page - Rockchip Electronics Co., Ltd

Part # RK818
Description  Input range: 3.8V - 6V for USB input 2.7V - 4.5V for BAT input
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK818 Datasheet(HTML) 33 Page - Rockchip Electronics Co., Ltd

Back Button RK818 Datasheet HTML 29Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 30Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 31Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 32Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 33Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 34Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 35Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 36Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 37Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 93 page
background image
RK818 Datasheet
Rev 1.0
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
33
OTG and the HTMI5V. The OTG has a built-in current limiting switch, which can effectively
protect the boost converter from being damaged if a short circuit occurs at the OTG port.
As the USB input port and the OTG output port share a same pin, when the USB port is
being used as a power supply and charging the battery, the OTG switch is forbidden to be
turned on. Only when there is no external power supply plugged into the USB port, can the
OTG be turned on and serve as a power supply.
The key parameters such as operating mode, output voltage, and output current limit can
be configured through the I2C interface.
4.1.8 LOW DROPOUT REGULATORS (LDOS)
The RK818 also integrates nine LDOs and one low Rdson switch, with four LDOs (Ch6, Ch7,
Ch9 and Ch11) capable of providing up to 150mA and three LDOs (CH10, CH12 and CH14 )
providing maximum 300mA. The LDO on Ch8 is a low noise, high PSRR LDO which delivers up
to 100mA current and the LDO on Ch14 has 400mA current capability. The parameters such
as output voltage in the different operating modes can be adjusted through the I2C interface.
4.1.9 REAL TIME CLOCK (RTC)
The RK818 integrates a crystal oscillator buffer and a real time clock (RTC). The buffer
works with an external 32.768kHz crystal oscillator. With the RTC function, the PMIC provides
second/minute/hour/day/month/year information, alarm wake up as well as time calibration.
The RK818 provides two channels of 32.768kHz clocks with open drain outputs, where one
channel is constantly on and the other is enabled through I2C interface.
4.2 State Machine Description
OFF
ACTIVE
SLEEP
POWER ON enabled
POWER ON disabled
Sleep enabled
Sleep disabled
POWER ON disabled
Fig. 4-1 State Machine
4.3 Device Power on Enable Conditions
If none of the device power-on disable conditions is met, the following conditions are
available to turn on and/or maintain the ON state of the device:
PWRON signal is low for a period of time
USB is plugged in.(PLUG_IN_INT goes to high level)
RTC set time power on
4.4 Device Power on Disable Conditions
The PMIC will be powered off, or can not be powered on under the following conditions:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com