Electronic Components Datasheet Search
  English  ▼

X  

RK818 Datasheet(PDF) 75 Page - Rockchip Electronics Co., Ltd

Part # RK818
Description  Input range: 3.8V - 6V for USB input 2.7V - 4.5V for BAT input
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK818 Datasheet(HTML) 75 Page - Rockchip Electronics Co., Ltd

Back Button RK818 Datasheet HTML 71Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 72Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 73Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 74Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 75Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 76Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 77Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 78Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 79Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 93 page
background image
RK818 Datasheet
Rev 1.0
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
75
DEFAULT
0
1
0
1
0
1
0
1
Description
Bit 7:6
BUCK4_ILMAX:BUCK4 inductor peak current bit
00: 2.5A
01:3A
10:3.5A
11:4A
Bit 5:4
BUCK3_ILMAX:BUCK3 inductor peak current bit
00: 2A
01:2.5A
10:3A
11:3.5A
Bit 3:2
BUCK2_ILMAX:BUCK2 inductor peak current bit
00: 3.2A
01:3.6A
10:4A
11:5A
Bit 1:0
BUCK1_ILMAX:BUCK1 inductor peak current bit
00: 3.2A
01:3.6A
10:4A
11:5A
5.2.7 CHARGER SET REGISTER
CHRG_COMP_REG:
ADDRESS: 9AH
TYPE: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
RESV
BAT_SYS_CMP_DL
Y
CHRG_IRVS
CHRG_OUTCV_COMP
DEFAULT
0
0
0
0
0
0
0
0
Description
Bit 7-6
RESERVED
Bit 5-4
BAT_SYS_CMP_DLY: Delay time for the voltage comparator between BAT
and SYS.
00: 20uS
10: 10uS
01: 40uS
11: 20uS
Bit 3-2
CHRG_IRVS: Setting the charger reverse current.
Bit 1-0
CHRG_OUTCV_COMP: Setting the charger output voltage loop
compensation
SUP_STS_REG:
ADDRESS: A0H
TYPE: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
BAT_EXS
(Read
only)
CHG_STS
(Read only)
RESV
USB_I
LIM_E
N
USB_EXS
(Read only)
USB_EFF
(Read only)
DEFAULT
0
0
0
0
1
1
0
0
Description
Bit 7
BAT_EXS: Battery existence monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com