Electronic Components Datasheet Search
  English  ▼

X  

RK818 Datasheet(PDF) 71 Page - Rockchip Electronics Co., Ltd

Part # RK818
Description  Input range: 3.8V - 6V for USB input 2.7V - 4.5V for BAT input
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK818 Datasheet(HTML) 71 Page - Rockchip Electronics Co., Ltd

Back Button RK818 Datasheet HTML 67Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 68Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 69Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 70Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 71Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 72Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 73Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 74Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 75Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 93 page
background image
RK818 Datasheet
Rev 1.0
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
71
0: Do not mask the specified interrupt
INT_STS_REG2 : INTERRUPT STATUS REGISTER#2
ADDRESS: 4EH
TYPE: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYM
BOL
DISCH
G_ILIM
_INT
(Write
1 clr)
CHG_CVT
LIM_INT
(Write 1
clr or
RegA3<7
>=0 clr)
TS2_
INT
(Writ
e 1
clr)
CHGTS1_IN
T
(Write 1 clr
or
RegA3<7>
=0 clr)
CHGTE_
INT
(Write 1
clr or
RegA3<
7>=0
clr)
CHGOK
_INT
(Write 1
clr or
RegA3<
7>=0
clr)
PLUG_O
UT_INT
(Write 1
clr)
PLUG_
IN_IN
T
(Write
1 clr)
DEF
AUL
T
0
0
0
0
0
0
0
0
Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
DISCHG_ILIM_INT: Discharging triggering current limit event interrupt.
CHG_CVTLIM_INT: Charging triggering input voltage limit, or current limit,
or temperature protection event interrupt.
TS2_INT: TS2 value exceeding upper or lower limits event interrupt.
CHGTS1_INT: TS1 value exceeding upper or lower limits event interrupt.
CHGTE_INT: Charging overtime event interrupt.
CHGOK_INT: Charging termination event interrupt
Bit 1
PLUG_OUT_INT: charger plug out event interrupt(PLUG_IN_STS falling
edge interrupt)
Bit 0
PLUG_IN_INT: charger plug in event interrupt(PLUG_IN_STS rising edge
interrupt)
Note:
Write “1” to clear.
INT_STS_MSK_REG2 : INTERRUPT MASK REGISTER#2
ADDRESS: 4FH
TYPE: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMB
OL
DISCHG_
ILIM_INT
_IM
CHG_CVT
LIM_INT_
IM
TS2_
INT_
IM
CHGTS1
_INT_I
M
CHGTE_
INT_IM
CHGO
K_INT
_IM
PLUG_O
UT_INT_
IM
PLUG_I
N_INT_
IM
DEFAU
LT
0
0
0
0
0
0
0
0
Description
Bit 7
Bit 6
Bit 5
DISCHG_ILIM_INT_IM:Discharging triggering current limit event interrupt
mask
1: Mask the interrupt
0: Do not mask the interrupt
CHG_CVTLIM_INT_IM:Charging triggering input voltage limit, or current
limit, or temperature protection event interrupt mask.
1: Mask the interrupt
0: Do not mask the interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com