Electronic Components Datasheet Search
  English  ▼

X  

RK818 Datasheet(PDF) 4 Page - Rockchip Electronics Co., Ltd

Part # RK818
Description  Input range: 3.8V - 6V for USB input 2.7V - 4.5V for BAT input
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK818 Datasheet(HTML) 4 Page - Rockchip Electronics Co., Ltd

  RK818 Datasheet HTML 1Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 2Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 3Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 4Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 5Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 6Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 7Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 8Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 9Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 93 page
background image
RK818 Datasheet
Rev 1.0
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
4
Figure Index
Fig. 1-1 RK818 Typical Application Diagram ............................................................... 9
Fig. 2-1 QFN68 7mm X 7mm................................................................................. 11
Fig. 2-2 Pin Assignment QFN7x7-68(Pitch=0.35mm) ................................................ 12
Fig. 4-1 State Machine ......................................................................................... 33
Fig. 4-2 Power On/Off Timing, BOOT1=1, BOOT0=1 ................................................. 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com