Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35 Datasheet(PDF) 4 Page - Texas Instruments

Part # ISOTMP35
Description  ISOTMP35-Q1 Automotive ±1.5°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOTMP35 Datasheet(HTML) 4 Page - Texas Instruments

  ISOTMP35 Datasheet HTML 1Page - Texas Instruments ISOTMP35 Datasheet HTML 2Page - Texas Instruments ISOTMP35 Datasheet HTML 3Page - Texas Instruments ISOTMP35 Datasheet HTML 4Page - Texas Instruments ISOTMP35 Datasheet HTML 5Page - Texas Instruments ISOTMP35 Datasheet HTML 6Page - Texas Instruments ISOTMP35 Datasheet HTML 7Page - Texas Instruments ISOTMP35 Datasheet HTML 8Page - Texas Instruments ISOTMP35 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
5 Pin Configuration and Functions
V
DD
TSENSE
NC
TSENSE
GND
V
OUT
TSENSE
1
7
2
6
5
3
4
Figure 5-1. DFQ Package 7-Pin SOIC Top View
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
DFQ
GND
3
G
Ground
NC
2
–
No connect
TSENSE
5
–
Temperature pin connected to high-voltage heat source
6
7
VDD
1
P
Supply voltage
VOUT
4
O
Output voltage proportional to temperature
(1)
I = Input, O = Output, I/O = Input or Output, G = Ground, P = Power.
ISOTMP35-Q1
SNIS234 – OCTOBER 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISOTMP35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com