Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35 Datasheet(PDF) 8 Page - Texas Instruments

Part # ISOTMP35
Description  ISOTMP35-Q1 Automotive ±1.5°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOTMP35 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISOTMP35 Datasheet HTML 4Page - Texas Instruments ISOTMP35 Datasheet HTML 5Page - Texas Instruments ISOTMP35 Datasheet HTML 6Page - Texas Instruments ISOTMP35 Datasheet HTML 7Page - Texas Instruments ISOTMP35 Datasheet HTML 8Page - Texas Instruments ISOTMP35 Datasheet HTML 9Page - Texas Instruments ISOTMP35 Datasheet HTML 10Page - Texas Instruments ISOTMP35 Datasheet HTML 11Page - Texas Instruments ISOTMP35 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
6.7 Typical Characteristics
at TA = 25°C, (unless otherwise noted)
TA (qC)
-50
-25
0
25
50
75
100
125
150
-6
-4
-2
0
2
4
6
D001
D001
Average
Avg r3V
Limits
VDD = 2.3 to 5.5 V, IOUT = 0 µA, CLOAD = 1000 pF
Figure 6-1. Accuracy vs TA Temperature
IOUT = 0 µA, CLOAD = 1000 pF
Figure 6-2. Output Voltage vs Ambient
Temperature
TA (qC)
-50
-25
0
25
50
75
100
125
150
-0.1
-0.05
0
0.05
0.1
D004
VDD = 2.3 V
VDD = 5.5 V
IOUT = from 0 µA to 100 µA, CLOAD = 1000 pF
Figure 6-3. Changes in Accuracy vs Ambient
Temperature (Due to Load)
TA (qC)
-50
-25
0
25
50
75
100
125
150
6
8
10
12
14
D005
VDD = 2.3 V
IOUT = 0 µA, CLOAD = 1000 pF
Figure 6-4. Supply Current vs Temperature
TA (qC)
-50
-25
0
25
50
75
100
125
150
0
0.5
1
1.5
2
2.5
3
3.5
D006
IOUT = 500 PA
IOUT = 400 uA
IOUT = 300 uA
IOUT = 200 uA
IOUT = 100 uA
VDD = 2.3 V, CLOAD = 1000 pF
Figure 6-5. Load Regulation vs Ambient
Temperature
TA (qC)
-50
-25
0
25
50
75
100
125
150
-0.1
-0.05
0
0.05
0.1
D007
TMP235
VDD = 2.3 to 5.5 V, IOUT = 0 µA, CLOAD = 1000 pF
Figure 6-6. Line Regulation (Δ°C / ΔVDD) vs
Ambient Temperature
ISOTMP35-Q1
SNIS234 – OCTOBER 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISOTMP35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com