Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35 Datasheet(PDF) 3 Page - Texas Instruments

Part # ISOTMP35
Description  ISOTMP35-Q1 Automotive ±1.5°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOTMP35 Datasheet(HTML) 3 Page - Texas Instruments

  ISOTMP35 Datasheet HTML 1Page - Texas Instruments ISOTMP35 Datasheet HTML 2Page - Texas Instruments ISOTMP35 Datasheet HTML 3Page - Texas Instruments ISOTMP35 Datasheet HTML 4Page - Texas Instruments ISOTMP35 Datasheet HTML 5Page - Texas Instruments ISOTMP35 Datasheet HTML 6Page - Texas Instruments ISOTMP35 Datasheet HTML 7Page - Texas Instruments ISOTMP35 Datasheet HTML 8Page - Texas Instruments ISOTMP35 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 3
5 Pin Configuration and Functions...................................4
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Information....................................................5
6.5 Insulation Specification............................................... 6
6.6 Electrical Characteristics.............................................7
6.7 Typical Characteristics................................................ 8
7 Detailed Description...................................................... 11
7.1 Overview................................................................... 11
7.2 Functional Block Diagram......................................... 11
7.3 Features Description................................................. 11
7.4 Device Functional Modes..........................................12
8 Application and Implementation.................................. 13
8.1 Application Information............................................. 13
8.2 Typical Application.................................................... 17
8.3 Power Supply Recommendations.............................19
8.4 Layout....................................................................... 19
9 Device and Documentation Support............................20
9.1 Documentation Support............................................ 20
9.2 Receiving Notification of Documentation Updates....20
9.3 Support Resources................................................... 20
9.4 Trademarks...............................................................20
9.5 Electrostatic Discharge Caution................................20
9.6 Glossary....................................................................20
10 Mechanical, Packaging, and Orderable
Information.................................................................... 20
10.1 Package Option Addendum.................................... 23
10.2 Tape and Reel Information......................................24
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
October 2023
*
Initial Release
www.ti.com
ISOTMP35-Q1
SNIS234 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: ISOTMP35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com