Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35 Datasheet(PDF) 11 Page - Texas Instruments

Part # ISOTMP35
Description  ISOTMP35-Q1 Automotive ±1.5°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOTMP35 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISOTMP35 Datasheet HTML 7Page - Texas Instruments ISOTMP35 Datasheet HTML 8Page - Texas Instruments ISOTMP35 Datasheet HTML 9Page - Texas Instruments ISOTMP35 Datasheet HTML 10Page - Texas Instruments ISOTMP35 Datasheet HTML 11Page - Texas Instruments ISOTMP35 Datasheet HTML 12Page - Texas Instruments ISOTMP35 Datasheet HTML 13Page - Texas Instruments ISOTMP35 Datasheet HTML 14Page - Texas Instruments ISOTMP35 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
7 Detailed Description
7.1 Overview
The ISOTMP35-Q1 is a linear analog output temperature sensor with an output voltage proportional to
temperature. The temperature sensor has an accuracy from 0°C to +125°C of ±1°C. The ISOTMP35-Q1
provides a positive slope output of 10 mV/°C over the full –40°C to +150°C and a supply range from 2.3 V
to 5.5 V. A class-AB output driver provides a maximum output of 500 µA to drive capacitive loads up to 1000 pF.
7.2 Functional Block Diagram
VOUT
VDD
GND
Thermal Diodes
Heat only
TSENSE
TSENSE
TSENSE
Figure 7-1. Functional Block Diagram
7.3 Features Description
The ISOTMP35-Q1 device combines a robust integrated isolation barrier with a tight accuracy analog output
temperature sensor. All the features related to the analog output, accuracy, output characteristics of the sensor,
and drive characteristic of the output will be treated under the analog output section.
7.3.1 Integrated Isolation Barrier and Thermal Response
The ISOTMP35-Q1 is designed to integrate a robust isolation barrier while maximizing the heat flow. This is
made possible by a SO-7 package designed to provide the 3-kVRMS isolating rating (UL1577) and isolation
mechanism that minimizes the thermal response from the TSENSE pins to the temperature sensor.
www.ti.com
ISOTMP35-Q1
SNIS234 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ISOTMP35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com