Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35 Datasheet(PDF) 6 Page - Texas Instruments

Part # ISOTMP35
Description  ISOTMP35-Q1 Automotive ±1.5°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOTMP35 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISOTMP35 Datasheet HTML 2Page - Texas Instruments ISOTMP35 Datasheet HTML 3Page - Texas Instruments ISOTMP35 Datasheet HTML 4Page - Texas Instruments ISOTMP35 Datasheet HTML 5Page - Texas Instruments ISOTMP35 Datasheet HTML 6Page - Texas Instruments ISOTMP35 Datasheet HTML 7Page - Texas Instruments ISOTMP35 Datasheet HTML 8Page - Texas Instruments ISOTMP35 Datasheet HTML 9Page - Texas Instruments ISOTMP35 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6.5 Insulation Specification
Over free-air temperature range and VDD = 2.3 V to 5.5 V (unless otherwise noted); Typical specifications are at TA = 25°C
and VDD = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VALUE
UNIT
GENERAL
CLR
External Clearance(1)
Shortest terminal-to-terminal distance through air
>4
mm
CPG
External Creepage(1)
Shortest terminal-to-terminal distance across the package
surface
>4
mm
DTI
Distance through the insulation
Minimum internal gap (internal clearance)
>17
µm
CTI
Comparative tracking index
DIN EN 60112; IEC 60112
>400
V
Material Group
II
Overvoltage category
Rated mains voltage ≤ 150 VRMS
I-IV
Rated mains voltage ≤ 300 VRMS
I-III
DIN EN IEC 60747-17 (VDE 0884-17)
VIORM
Maximum repetitive peak isolation
voltage
At AC voltage
707
VPK
VIOWM
Maximum-rated isolation working
voltage
At AC voltage (sine wave)
500
VRMS
At DC voltage
707
VDC
VIOTM
Maximum transient isolation voltage
VTEST = VIOTM, t = 60 s (qualification test),
VTEST = 1.2 × VIOTM, t = 1 s (100% production test)
4250
VPK
VIMP
Maximum impulse voltage(2)
Tested in air, 1.2/50-μs waveform per IEC 62368-1
TBD
VPK
VIOSM
Maximum surge isolation voltage(4)
Tested in oil (qualification test),
1.2/50-μs waveform per IEC 62368-1
7800
VPK
qpd
Apparent charge(4)
Method a, after input/output safety test subgroups 2 and 3,
Vpd(ini) = VIOTM, tini = 60 s, Vpd(m) = 1.2 × VIORM, tm = 10 s
≤ 5
pC
Method a, after environmental tests subgroup 1,
Vpd(ini) = VIOTM, tini = 60 s, Vpd(m) = 1.3 × VIORM, tm = 10 s
≤ 5
Method b1, at preconditioning (type test) and routine test,
Vpd(ini) = VIOTM, tini = 1 s, Vpd(m) = 1.5 × VIORM, tm = 1 s
≤ 5
Method b2, at routine test (100% production)(6),
Vpd(ini) = VIOTM = Vpd(m); tini = tm = 1 s
≤ 5
CIO
Barrier capacitance,
input to output(5)
VIO = 0.5 VPP at 1 MHz
TBD
pF
RIO
Insulation resistance,
input to output(5)
VIO = 500 V at TA = 25°C
TBD
Ω
VIO = 500 V at 100°C ≤ TA ≤ 125°C
TBD
VIO = 500 V at TA = 150°C
TBD
Pollution degree
2
Climatic category
55/125/21
UL1577
VISO
Withstand isolation voltage
VTEST = VISO, t = 60 s (qualification);
VTEST = 1.2 × VISO, t = 1 s (100% production)
3000
VRMS
(1)
Apply creepage and clearance requirements according to the specific equipment isolation standards of an application. Take care
to maintain the creepage and clearance distance of the board design to make sure that the mounting pads of the isolator on the
printedcircuit board do not reduce this distance. Creepage and clearance on a printed circuit board become equal in certain cases.
Techniques such as inserting grooves, ribs, or both on a printed circuit board are used to help increase these specifications.
(2)
Testing is carried out in air to determine the surge immunity of the isolation barrier.
(3)
Testing is carried out in oil to determine the intrinsic surge immunity of the isolation barrier.
(4)
Apparent charge is electrical discharge caused by a partial discharge (pd).
(5)
All pins on each side of the barrier tied together creating a two-terminal device.
(6)
Either method b1 or b2 is used in production
ISOTMP35-Q1
SNIS234 – OCTOBER 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISOTMP35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com