Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35 Datasheet(PDF) 19 Page - Texas Instruments

Part # ISOTMP35
Description  ISOTMP35-Q1 Automotive ±1.5°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOTMP35 Datasheet(HTML) 19 Page - Texas Instruments

Back Button ISOTMP35 Datasheet HTML 15Page - Texas Instruments ISOTMP35 Datasheet HTML 16Page - Texas Instruments ISOTMP35 Datasheet HTML 17Page - Texas Instruments ISOTMP35 Datasheet HTML 18Page - Texas Instruments ISOTMP35 Datasheet HTML 19Page - Texas Instruments ISOTMP35 Datasheet HTML 20Page - Texas Instruments ISOTMP35 Datasheet HTML 21Page - Texas Instruments ISOTMP35 Datasheet HTML 22Page - Texas Instruments ISOTMP35 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
8.3 Power Supply Recommendations
To help ensure reliable operation at supply voltages, a 0.1-µF bypass capacitor is recommended at the VDD
supply pin. Place the capacitor as close to the supply pin as possible. As there is on a single side power supply
for the ISOTMP35-Q1, there is no need to generate isolated power.
8.4 Layout
8.4.1 Layout Guidelines
A minimum of two layers is required for the ISOTMP35-Q1. For a 4-layer PCB, TI recommends a standard layer
stacking method where the signal traces run either on the top of bottom layer. Solid ground and power plane
must form the inner layer.
8.4.2 Layout Example
High Voltage Heat Source
VDD
NC
GND
VOUT
TSENSE
1
2
3
4
TSENSE
TSENSE
5
6
7
To ADC Input
To GND Plane
To VDD Plane
Bypass Cap
Filter Cap
Filter Resistor
Keep space beneath
ISOTMP35 free of any
planes, traces, pads and
vias
Heat
Heat
Figure 8-5. Layout Example
Keep this space free
from planes, traces,
pads and vias
10 mils
Figure 8-6. Layout Example - PCB Cross-Section
www.ti.com
ISOTMP35-Q1
SNIS234 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: ISOTMP35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com