Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35 Datasheet(PDF) 17 Page - Texas Instruments

Part # ISOTMP35
Description  ISOTMP35-Q1 Automotive ±1.5°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOTMP35 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ISOTMP35 Datasheet HTML 13Page - Texas Instruments ISOTMP35 Datasheet HTML 14Page - Texas Instruments ISOTMP35 Datasheet HTML 15Page - Texas Instruments ISOTMP35 Datasheet HTML 16Page - Texas Instruments ISOTMP35 Datasheet HTML 17Page - Texas Instruments ISOTMP35 Datasheet HTML 18Page - Texas Instruments ISOTMP35 Datasheet HTML 19Page - Texas Instruments ISOTMP35 Datasheet HTML 20Page - Texas Instruments ISOTMP35 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
8.1.8 PSRR
Depending on the application, there may be a significant amount of high frequency noise on the power supply
line. If high frequency noise (>100 KHz) is present, the user can switch to a 1-μF bypass capacitor to provide
additional filtering on the power supply line. Increasing the bypass capacitance or choosing a capacitor with a
lower ESR across frequency will improve PSRR performance.
An additional power supply consideration is line regulation. For the ISOTMP35-Q1, line regulation refers to the
change in output temperature with changing power supply. Figure 6-6 shows that, across the entire environment
temperature range, ISOTMP35-Q1 maintains a steady amount change in temperature across VDD.
8.2 Typical Application
High
Voltage
Heat
Source
ISOTMP35
VDD
NC
VOUT
GND
TSENSE
TSENSE
TSENSE
5
6
7
1
2
3
4
0.1 µF
VDD
GND
GND
VOUT
Figure 8-3. Typical ISOTMP35-Q1 Circuit
8.2.1 Design Requirements
To design with ISOTMP35-Q1, use the parameters listed in Table 8-4. Most CMOS-based ADCs have a
sampled data comparator input structure. When the ADC charges the sampling capacitor, the capacitor requires
instantaneous charge from the output of the analog temperature sensor, such as the ISOTMP35-Q1. Therefore,
the output impedance of the temperature sensor can affect ADC performance. In most cases, adding an
external capacitor mitigates design challenges. The ISOTMP35-Q1 is specified and characterized with a 1000-
pF maximum capacitive load (CLOAD). The CLOAD is a sum of the CFILTER, CMUX and CSAMPLE. TI recommends
maximizing the CFILTER value while allowing for the maximum specified ADC input capacitance (CMUX +
CSAMPLE) to limit the total CLOAD at 1000 pF. In most cases, a 680-pF CFILTER provides a reasonable allowance
for ADC input capacitance to minimize ADC sampling error and reduce noise coupling. An optional series
resistor (RFILTER) and CFILTER provides additional low-pass filtering to reject system level noise. TI recommends
placing RFILTER and CFILTER as close to the ADC input as possible for optimal performance.
Table 8-4. Design Parameters
PARAMETER
VALUE
Supply voltage, VDD
2.3 V to 5.5 V
Decoupling capacitor between VDD and GND
0.1 µF
8.2.2 Detailed Design Procedure
Depending on the input characteristics of the ADC, an external CFILTER can be required. The value of CFILTER
depends on the size of the sampling capacitor (CSAMPLE) and the sampling frequency while observing a
maximum CLOAD of 1000 pF. The capacitor requirements can vary because the input stages of all ADCs are
not identical.
www.ti.com
ISOTMP35-Q1
SNIS234 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: ISOTMP35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com