Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35 Datasheet(PDF) 7 Page - Texas Instruments

Part # ISOTMP35
Description  ISOTMP35-Q1 Automotive ±1.5°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOTMP35 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISOTMP35 Datasheet HTML 3Page - Texas Instruments ISOTMP35 Datasheet HTML 4Page - Texas Instruments ISOTMP35 Datasheet HTML 5Page - Texas Instruments ISOTMP35 Datasheet HTML 6Page - Texas Instruments ISOTMP35 Datasheet HTML 7Page - Texas Instruments ISOTMP35 Datasheet HTML 8Page - Texas Instruments ISOTMP35 Datasheet HTML 9Page - Texas Instruments ISOTMP35 Datasheet HTML 10Page - Texas Instruments ISOTMP35 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
6.6 Electrical Characteristics
Over free-air temperature range and VDD = 2.3 V to 5.5 V (unless otherwise noted); Typical specifications are at TA = 25°C
and VDD = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE SENSOR
TERR
Temperature accuracy
0°C to 70°C
–1.5
±0.5
1.5
°C
TERR
Temperature accuracy
-40°C to 150°C
–2.5
±0.5
2.5
°C
PSR
DC power supply rejection
–0.05
0.05
°C/V
TSENS
Temperature sensitivity
TA = –40°C to 150°C
10.00
mV/°C
TLTD
Long-term drift(1)
1000 hours at 150°C, 3.3 V
TBD
°C
VOUT
Output voltage
TA = 0°C
500
mV
TA = 25°C
750
mV
NL
Nonlinearity
TA = –40°C to 150°C
0.5
°C
tRESP_D Directional Response time
2-layer 62-mil Rigid PCB
2 oz. Copper
τ = 63 %
TSENSE = 25°C to 75°C
Pins 4 to 7 = 25°C
TBD
ms
tRESP_L Response time (Stirred Liquid)
Unmounted
(Single layer Flex PCB)
τ = 63 %
25°C to 125°C
TBD
ms
Mounted
(2-layer 62-mil PCB)
TBD
ms
ANALOG OUTPUT
ZOUT
Output impedance
ILOAD = 100 μA, f = 100 Hz
20
Ω
ILOAD = 100 μA, f = 500 Hz
50
Ω
IOUT
Output current
500
μA
LR
Load regulation
ILOAD = –600 μA to 600
μA
6
mV
CL
Maximum capacitive load
1
nF
POWER SUPPLY
IDD
Operating current
VDD = 3.3 V
TA = 25°C
10
12
μA
TA = –40°C to 150°C
17
μA
(1)
Long term stability is determined using accelerated operational life testing at a junction temperature of 150°C.
www.ti.com
ISOTMP35-Q1
SNIS234 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ISOTMP35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com