Electronic Components Datasheet Search
  English  ▼

X  

OPA392DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA392DBVT
Description  OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA392DBVT Datasheet(HTML) 3 Page - Texas Instruments

  OPA392DBVT Datasheet HTML 1Page - Texas Instruments OPA392DBVT Datasheet HTML 2Page - Texas Instruments OPA392DBVT Datasheet HTML 3Page - Texas Instruments OPA392DBVT Datasheet HTML 4Page - Texas Instruments OPA392DBVT Datasheet HTML 5Page - Texas Instruments OPA392DBVT Datasheet HTML 6Page - Texas Instruments OPA392DBVT Datasheet HTML 7Page - Texas Instruments OPA392DBVT Datasheet HTML 8Page - Texas Instruments OPA392DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
5 Device Comparison Table
DEVICE
CHANNELS
SHUTDOWN
PACKAGE
OPA392
Single
No
DBV (SOT-23, 5)
No
DCK (SC70, 5)(1)
Yes
YBJ (DSBGA, 6)(1)
OPA2392
Dual
No
D (SOIC, 8)(1)
No
DGK (VSSOP, 8)(1)
Yes
YBJ (DSBGA, 9)
OPA4392(1)
Quad
No
PW (TSSOP, 14)(1)
Yes
RTE (WQFN, 16)(1)
(1)
Preview information (not Production Data).
6 Pin Configuration and Functions
1
OUT
2
V±
3
+IN
4
±IN
5
V+
Not to scale
Figure 6-1. OPA392 DBV Package, 5-Pin SOT-23
(Top View)
1
+IN
2
V±
3
±IN
4
OUT
5
V+
Not to scale
Figure 6-2. OPA392 DCK Preview Package, 5-Pin
SC70 (Top View)
1
2
A
B
C
Not to scale
OUT
V+
–IN
EN
+IN
V–
Figure 6-3. OPA392 YBJ Preview Package, 6-Pin DSBGA (Top View)
Table 6-1. Pin Functions: OPA392
PIN
TYPE
DESCRIPTION
NAME
NO.
DBV (SOT-23)
DCK (SC70)
YBJ (DSBGA)
EN
—
—
B2
Input
Enable pin. High = amplifier enabled.
–IN
4
3
B1
Input
Inverting input
+IN
3
1
C1
Input
Noninverting input
OUT
1
4
A1
Output
Output
V–
2
2
C2
Power
Negative (lowest) power supply
V+
5
5
A2
Power
Positive (highest) power supply
www.ti.com
OPA392, OPA2392
SBOS926E – JANUARY 2021 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: OPA392 OPA2392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com