Electronic Components Datasheet Search
  English  ▼

X  

OPA392DBVT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA392DBVT
Description  OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA392DBVT Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA392DBVT Datasheet HTML 13Page - Texas Instruments OPA392DBVT Datasheet HTML 14Page - Texas Instruments OPA392DBVT Datasheet HTML 15Page - Texas Instruments OPA392DBVT Datasheet HTML 16Page - Texas Instruments OPA392DBVT Datasheet HTML 17Page - Texas Instruments OPA392DBVT Datasheet HTML 18Page - Texas Instruments OPA392DBVT Datasheet HTML 19Page - Texas Instruments OPA392DBVT Datasheet HTML 20Page - Texas Instruments OPA392DBVT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
8 Detailed Description
8.1 Overview
The OPAx392 is a family of low offset, low-noise e-trim operational amplifiers (op amps) that uses a proprietary
offset trim technique. These op amps offer ultra-low input offset voltage and drift and achieve excellent input and
output dynamic linearity. The OPAx392 operate from 1.7 V to 5.5 V, are unity-gain stable, and are designed for a
wide range of general-purpose and precision applications.
The amplifiers feature state-of-the-art CMOS technology and advanced design features that help achieve
extremely low input bias current, wide input and output voltage ranges, high loop gain, and low, flat output
impedance in small package options. The OPAx392 strengths also include 13
‑MHz bandwidth, 4.4‑nV/√Hz noise
spectral density, and low 1/f noise. These features make the OPAx392 an exceptional choice for interfacing with
sensors, photodiodes, and high-performance analog-to-digital converters (ADCs).
8.2 Functional Block Diagram
V
BIAS1
BIAS1
V
BIAS2
BIAS2
+IN
±IN
Class AB
Class AB
Control
Control
Circuitry
Circuitry
OUT
OUT
Ví
Ví
(Ground)
(Ground)
V+
V+
Reference
Reference
Current
Current
www.ti.com
OPA392, OPA2392
SBOS926E – JANUARY 2021 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA392 OPA2392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com