Electronic Components Datasheet Search
  English  ▼

X  

OPA392DBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA392DBVT
Description  OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA392DBVT Datasheet(HTML) 5 Page - Texas Instruments

  OPA392DBVT Datasheet HTML 1Page - Texas Instruments OPA392DBVT Datasheet HTML 2Page - Texas Instruments OPA392DBVT Datasheet HTML 3Page - Texas Instruments OPA392DBVT Datasheet HTML 4Page - Texas Instruments OPA392DBVT Datasheet HTML 5Page - Texas Instruments OPA392DBVT Datasheet HTML 6Page - Texas Instruments OPA392DBVT Datasheet HTML 7Page - Texas Instruments OPA392DBVT Datasheet HTML 8Page - Texas Instruments OPA392DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
1
OUT A
14
OUT D
2
±IN A
13
±IN D
3
+IN A
12
+IN D
4
V+
11
V±
5
+IN B
10
+IN C
6
±IN B
9
±IN C
7
OUT B
8
OUT C
Not to scale
Figure 6-7. OPA4392 PW Preview Package, 14-Pin
TSSOP (Top View)
1
+IN A
12
+IN D
2
V+
11
V–
3
+IN B
10
+IN C
4
–IN B
9
–IN C
Not to scale
Thermal Pad
Figure 6-8. OPA4392 RTE Preview Package, 16-Pin
WQFN (Top View)
Table 6-3. Pin Functions: OPA4392
PIN
TYPE
DESCRIPTION
NAME
NO.
PW (TSSOP)
RTE (WQFN)
EN AB
—
6
Input
Enable pin for A and B amplifiers. High = amplifiers A and B are enabled.
EN CD
—
7
Input
Enable pin for C and D amplifiers. High = amplifiers C and D are enabled.
–IN A
2
16
Input
Inverting input, channel A
+IN A
3
1
Input
Noninverting input, channel A
–IN B
6
4
Input
Inverting input, channel B
+IN B
5
3
Input
Noninverting input, channel B
–IN C
9
9
Input
Inverting input, channel C
+IN C
10
10
Input
Noninverting input, channel C
–IN D
13
13
Input
Inverting input, channel D
+IN D
12
12
Input
Noninverting input, channel D
OUT A
1
15
Output
Output, channel A
OUT B
7
5
Output
Output, channel B
OUT C
8
8
Output
Output, channel C
OUT D
14
14
Output
Output, channel D
Thermal Pad
—
Thermal Pad
Power
Connect thermal pad to V–
V–
11
11
Power
Negative (lowest) power supply
V+
4
2
Power
Positive (highest) power supply
www.ti.com
OPA392, OPA2392
SBOS926E – JANUARY 2021 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: OPA392 OPA2392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com