Electronic Components Datasheet Search
  English  ▼

X  

OPA392DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA392DBVT
Description  OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA392DBVT Datasheet(HTML) 1 Page - Texas Instruments

  OPA392DBVT Datasheet HTML 1Page - Texas Instruments OPA392DBVT Datasheet HTML 2Page - Texas Instruments OPA392DBVT Datasheet HTML 3Page - Texas Instruments OPA392DBVT Datasheet HTML 4Page - Texas Instruments OPA392DBVT Datasheet HTML 5Page - Texas Instruments OPA392DBVT Datasheet HTML 6Page - Texas Instruments OPA392DBVT Datasheet HTML 7Page - Texas Instruments OPA392DBVT Datasheet HTML 8Page - Texas Instruments OPA392DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current,
Rail-to-Rail I/O, e-trim™ Operational Amplifiers
1 Features
• Low offset voltage: ±10 µV (maximum)
• Low-drift: ±0.18 µV/°C
• Low input bias current: 10 fA
• Low noise: 4.4 nV/√Hz at 10 kHz
• Low 1/f noise: 2 µVPP (0.1 Hz to 10 Hz)
• Low supply voltage operation: 1.7 V to 5.5 V
• Low quiescent current: 1.22 mA
• Fast settling: 0.75 µs (1 V to 0.1%)
• Fast slew rate: 4.5 V/µs
• High output current: +65/–55-mA short circuit
• Gain bandwidth: 13 MHz
• Rail-to-rail input and output
• Specified temperature range: –40°C to +125°C
• EMI and RFI filtered inputs
2 Applications
• Multiparameter patient monitor
• Electrocardiogram (ECG)
• Chemistry and gas analyzer
• Optical module
• Analog input module
• Process analytics (pH, gas, concentration, force
and humidity)
• Gas detector
• Analog security camera
• Merchant DC/DC
• Pulse oximeter
• Inter-DC interconnect (long-haul, submarine)
• Data acquisition (DAQ)
+
±
OPA392
+
±
OPA392
3.3 V
VIN
+
±
OPA392
+
±
OPA392
Optical Power
Monitor
Precision Current
Shunt Monitor
+
±
OPA392
+
±
OPA392
Precision Current
Source
3.3 V
ADC
ADC
DAC
DAC
ADC
ADC
OPAx392 Applications in Optical Modules
3 Description
The OPAx392 family of operational amplifiers
(OPA392, OPA2392, and OPA4392) features ultra-low
offset, offset drift, and input bias current with rail-to-rail
input and output operation. In addition to precision
dc accuracy, the ac performance is optimized for
low noise and fast-settling transient response. These
features make the OPAx392 an excellent choice
for driving high-precision analog-to-digital converters
(ADCs) or buffering the output of high-resolution,
digital-to-analog converters (DACs).
The OPAx392 feature TI's e-trim™ operational
amplifier technology to achieve ultra-low offset
voltage and offset voltage drift without any input
chopping or auto-zero techniques. This technique
enables ultra-low input bias current for sensor inputs
or
photodiode
current-to-voltage
measurements,
creating high-performance transimpedance stages for
optical modules or medical instrumentation.
Device Information
PART NUMBER
CHANNELS
PACKAGE(1)
OPA392
Single
DBV (SOT-23, 5)
Single
DCK (SC70, 5)(2)
Single
YBJ (DSBGA, 6)(2)
OPA2392
Dual
D (SOIC, 8)(2)
Dual
DGK (VSSOP, 8)(2)
Dual
DSG (WSON, 8)(2)
Dual
YBJ (DSBGA, 9)
OPA4392(2)
Quad
PW (TSSOP, 14)(2)
Quad
RTE (WQFN, 16)(2)
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
(2)
Preview information (not Production Data).
OPAx392 Input Offset Voltage Distribution
OPA392, OPA2392
SBOS926E – JANUARY 2021 – REVISED SEPTEMBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - OPA392DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA392DBVT TI-OPA392DBVT Datasheet
1,002Kb / 23P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim??Operational Amplifiers
OPA392DBVT TI-OPA392DBVT Datasheet
1Mb / 30P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim??Operational Amplifiers
OPA392DBVT TI-OPA392DBVT Datasheet
2Mb / 32P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
REVISED JULY 2022
OPA392DBVT TI-OPA392DBVT Datasheet
1Mb / 35P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
REVISED DECEMBER 2022
OPA392DBVT TI1-OPA392DBVT Datasheet
2Mb / 36P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
DECEMBER 2023
More results

Similar Description - OPA392DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2192 TI-OPA2192 Datasheet
3Mb / 51P
OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim
OPA192 TI-OPA192_15 Datasheet
2Mb / 52P
OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim?
OPA192-Q1 TI1-OPA192-Q1 Datasheet
2Mb / 42P
36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Op Amp With e-trim
OPA197-Q1 TI1-OPA197-Q1 Datasheet
2Mb / 40P
36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Operational Amplifier With e-trim
OPA392 TI-OPA392 Datasheet
1,002Kb / 23P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim??Operational Amplifiers
OPA197-Q1 TI-OPA197-Q1_V01 Datasheet
3Mb / 45P
OPAx197-Q1 36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current e-trim??Operational Amplifiers
OPA392 TI-OPA392_V01 Datasheet
1Mb / 30P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim??Operational Amplifiers
OPA397 TI-OPA397 Datasheet
1Mb / 30P
OPAx397 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim??Operational Amplifiers
OPA392 TI-OPA392_V02 Datasheet
2Mb / 32P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
REVISED JULY 2022
OPA392 TI-OPA392_V03 Datasheet
1Mb / 35P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com