Electronic Components Datasheet Search
  English  ▼

X  

OPA392DBVT Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # OPA392DBVT
Description  OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA392DBVT Datasheet(HTML) 35 Page - Texas Instruments

Back Button OPA392DBVT Datasheet HTML 31Page - Texas Instruments OPA392DBVT Datasheet HTML 32Page - Texas Instruments OPA392DBVT Datasheet HTML 33Page - Texas Instruments OPA392DBVT Datasheet HTML 34Page - Texas Instruments OPA392DBVT Datasheet HTML 35Page - Texas Instruments OPA392DBVT Datasheet HTML 36Page - Texas Instruments OPA392DBVT Datasheet HTML 37Page - Texas Instruments OPA392DBVT Datasheet HTML 38Page - Texas Instruments OPA392DBVT Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.35 MAX
0.135
0.075
0.8
TYP
0.4
TYP
0.4
TYP
9X
0.20
0.16
B
E
A
D
4225688/A 02/2020
DSBGA - 0.35 mm max height
YBJ0009
DIE SIZE BALL GRID ARRAY
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1
CORNER
SEATING PLANE
BALL TYP
0.05 C
A
1
2
0.015
C A B
SYMM
SYMM
B
C
3
SCALE 11.000
D: Max =
E: Max =
1.19 mm, Min =
1.19 mm, Min =
1.13 mm
1.13 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com