Electronic Components Datasheet Search
  English  ▼

X  

OPA392DBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA392DBVT
Description  OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA392DBVT Datasheet(HTML) 4 Page - Texas Instruments

  OPA392DBVT Datasheet HTML 1Page - Texas Instruments OPA392DBVT Datasheet HTML 2Page - Texas Instruments OPA392DBVT Datasheet HTML 3Page - Texas Instruments OPA392DBVT Datasheet HTML 4Page - Texas Instruments OPA392DBVT Datasheet HTML 5Page - Texas Instruments OPA392DBVT Datasheet HTML 6Page - Texas Instruments OPA392DBVT Datasheet HTML 7Page - Texas Instruments OPA392DBVT Datasheet HTML 8Page - Texas Instruments OPA392DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
1
OUT A
8
V+
2
±IN A
7
OUT B
3
+IN A
6
±IN B
4
V±
5
+IN B
Not to scale
Figure 6-4. OPA2392 D Preview Package, 8-Pin
SOIC and DGK Preview Package, 8-Pin VSSOP
(Top View)
1
OUT A
8
V+
2
–IN A
7
OUT B
3
+IN A
6
–IN B
4
V–
5
+IN B
Not to scale
Thermal
Pad
Figure 6-5. OPA2392 DSG Preview Package, 8-Pin
WSON With Exposed Thermal Pad (Top View)
1
2
3
A
B
C
Not to scale
OUT A
V+
OUT B
–IN A
EN
–IN B
+IN A
V–
+IN B
Figure 6-6. OPA2392 YBJ Package, 9-Pin DSBGA (Top View)
Table 6-2. Pin Functions: OPA2392
PIN
TYPE
DESCRIPTION
NAME
NO.
D (SOIC),
DGK (VSSOP)
DSG (WSON)
YBJ (DSBGA)
EN
—
—
B2
Input
Enable pin. High = both amplifiers enabled.
–IN A
2
2
B1
Input
Inverting input, channel A
+IN A
3
3
C1
Input
Noninverting input, channel A
–IN B
6
6
B3
Input
Inverting input, channel B
+IN B
5
5
C3
Input
Noninverting input, channel B
OUT A
1
1
A1
Output
Output, channel A
OUT B
7
7
A3
Output
Output, channel B
V–
4
4
C2
Power
Negative (lowest) power supply
V+
8
8
A2
Power
Positive (highest) power supply
Thermal Pad
—
Thermal pad
—
—
Connect thermal pad to V–
OPA392, OPA2392
SBOS926E – JANUARY 2021 – REVISED SEPTEMBER 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA392 OPA2392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com