Electronic Components Datasheet Search
  English  ▼

X  

OPA392DBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA392DBVT
Description  OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA392DBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA392DBVT Datasheet HTML 7Page - Texas Instruments OPA392DBVT Datasheet HTML 8Page - Texas Instruments OPA392DBVT Datasheet HTML 9Page - Texas Instruments OPA392DBVT Datasheet HTML 10Page - Texas Instruments OPA392DBVT Datasheet HTML 11Page - Texas Instruments OPA392DBVT Datasheet HTML 12Page - Texas Instruments OPA392DBVT Datasheet HTML 13Page - Texas Instruments OPA392DBVT Datasheet HTML 14Page - Texas Instruments OPA392DBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
7.7 Typical Characteristics (continued)
at TA = 25°C, VS = 5.5 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Quiescent Current (mA)
1
1.04 1.08 1.12 1.16
1.2
1.24 1.28 1.32 1.36
1.4
0
5
10
15
20
25
30
C004
Figure 7-7. Quiescent Current Distribution
Quiescent Current (mA)
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
1.3
0
5
10
15
20
25
30
C002
VS = 1.7 V
Figure 7-8. Quiescent Current Distribution
Frequency (Hz)
-30
0
0
30
30
60
60
90
90
120
120
150
150
180
10m 100m
1
10
100
1k
10k 100k 1M
10M
Gain
Phase
Figure 7-9. Open-Loop Gain and Phase vs Frequency
Figure 7-10. Closed-Loop Gain vs Frequency
VS = 1.7 V
Figure 7-11. Input Bias Current vs Common-Mode Voltage
VS = 3.3 V
Figure 7-12. Input Bias Current vs Common-Mode Voltage
www.ti.com
OPA392, OPA2392
SBOS926E – JANUARY 2021 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: OPA392 OPA2392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com