Electronic Components Datasheet Search
  English  ▼

X  

TDA8844 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # TDA8844
Description  I2C-bus controlled PAL/NTSC/SECAM TV processors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8844 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button TDA8844 Datasheet HTML 25Page - NXP Semiconductors TDA8844 Datasheet HTML 26Page - NXP Semiconductors TDA8844 Datasheet HTML 27Page - NXP Semiconductors TDA8844 Datasheet HTML 28Page - NXP Semiconductors TDA8844 Datasheet HTML 29Page - NXP Semiconductors TDA8844 Datasheet HTML 30Page - NXP Semiconductors TDA8844 Datasheet HTML 31Page - NXP Semiconductors TDA8844 Datasheet HTML 32Page - NXP Semiconductors TDA8844 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
December 16, 1997
29
Philips Semiconductors
Tentative Device Specification
I2C-bus controlled PAL/NTSC/SECAM TV
processors
TDA884X/5X-N2 series
VIDEO AMPLIFIER OUTPUT (PIN 6); NOTE 6
M.3.1
zero signal output level
negative modulation; note 7
−
4.2
−
V
M.3.2
positive modulation; note 7
−
2.2
−
V
M.3.3
top sync level
negative modulation
1.8
1.9
2.0
V
M.3.4
white level
positive modulation
−
4.4
−
V
M.3.5
difference in amplitude between
negative and positive
modulation
−
015
%
M.3.6
video output impedance
−
50
−Ω
M.3.7
internal bias current of NPN
emitter follower output transistor
1.0
−−
mA
M.3.8
maximum source current
−−
5mA
M.3.9
bandwidth of demodulated
output signal
at
−3dB
6
9
−
MHz
M.3.10
differential gain
note 8
−
25%
M.3.11
differential phase
notes 8 and 5
−−
5
deg
M.3.12
video non-linearity
note 9
−−
5%
M.3.13
white spot clamp level
−
6.0
−
V
M.3.14
noise inverter clamping level
note 10
−
1.5
−
V
M.3.15
noise inverter insertion level
(identical to black level)
note 10
−
2.7
−
V
intermodulation
notes 5 and 11
M.3.16
blue
Vo = 0.92 or 1.1 MHz
60
66
−
dB
M.3.17
Vo = 2.66 or 3.3 MHz
60
66
−
dB
M.3.18
yellow
Vo = 0.92 or 1.1 MHz
56
62
−
dB
M.3.19
Vo = 2.66 or 3.3 MHz
60
66
−
dB
signal-to-noise ratio
notes 5 and 12
M.3.20
weighted
56
60
−
dB
M.3.21
unweighted
49
53
−
dB
M.3.22
residual carrier signal
note 5
−
5.5
−
mV
M.3.23
residual 2nd harmonic of carrier
signal
note 5
−
2.5
−
mV
IF AND TUNER AGC; NOTE 13
Timing of IF-AGC with a 2.2
µF capacitor (pin 53)
M.4.1
modulated video interference
30% AM for 1 mV to 100 mV;
0 to 200 Hz (system B/G)
−−
10
%
M.4.2
response time to IF input signal
amplitude increase of 52 dB
positive and negative
modulation
−
2
−
ms
M.4.3
response to an IF input signal
amplitude decrease of 52 dB
negative modulation
−
50
−
ms
M.4.4
positive modulation
−
100
−
ms
M.4.5
allowed leakage current of the
AGC capacitor
negative modulation
−−
10
µA
M.4.6
positive modulation
−−
200
nA
NUMBER
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com